Electronic Components Datasheet Search
  English  ▼

X  

RMOP001GTMH Datasheet(PDF) 8 Page - Sensortechnics GmbH

Part # RMOP001GTMH
Description  Precision compensated pressure sensors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

RMOP001GTMH Datasheet(HTML) 8 Page - Sensortechnics GmbH

Back Button RMOP001GTMH Datasheet HTML 2Page - Sensortechnics GmbH RMOP001GTMH Datasheet HTML 3Page - Sensortechnics GmbH RMOP001GTMH Datasheet HTML 4Page - Sensortechnics GmbH RMOP001GTMH Datasheet HTML 5Page - Sensortechnics GmbH RMOP001GTMH Datasheet HTML 6Page - Sensortechnics GmbH RMOP001GTMH Datasheet HTML 7Page - Sensortechnics GmbH RMOP001GTMH Datasheet HTML 8Page - Sensortechnics GmbH RMOP001GTMH Datasheet HTML 9Page - Sensortechnics GmbH RMOP001GTMH Datasheet HTML 10Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
RMO Series
Precision compensated pressure sensors
8/10
www.sensortechnics.com
E / 11711 / A
RMO...DFM...
RMO...DTM...
mass: approx. 2 g
dimensions in mm (inches)
OUTLINE DRAWING AND ELECTRICAL CONNECTION (cont.)
n
i
Pn
o
i
t
c
e
n
n
o
C
1s
V
-
2t
u
o
V
+
3s
V
+
4t
u
o
V
-
n
i
Pn
o
i
t
c
e
n
n
o
C
1s
V
-
2t
u
o
V
+
3s
V
+
4t
u
o
V
-
1
t
o
d
r
u
o
l
o
C
e
g
n
a
r
e
r
u
s
s
e
r
P
2
t
o
d
r
u
o
l
o
C
e
d
a
r
G
e
t
i
h
WH
"
4
,
r
a
b
m
0
1
2O
d
l
o
Ge
m
i
r
P
k
n
i
Pr
a
b
m
0
2
r
e
v
l
i
Sh
g
i
H
w
o
ll
e
YH
"
0
1
,
r
a
b
m
5
2
2O
n
e
e
r
Gi
s
p
1
,
r
a
b
m
0
0
1
,
r
a
b
m
0
5
e
u
l
b
t
h
g
i
Li
s
p
5
,
r
a
b
m
0
5
2
e
l
p
r
u
Pi
s
p
5
1
,
r
a
b
1
e
g
n
a
r
Oi
s
p
0
3
,
r
a
b
2
e
u
l
b
k
r
a
Di
s
p
0
6
n
w
o
r
Bi
s
p
0
0
1
,
r
a
b
5
d
e
Ri
s
p
0
5
1
,
r
a
b
0
1
Colour codes for all square and RMO...NM... housing styles
Engraved "1"
denotes Pin 1
26.9
(1.06)
8.4
(0.33)
10.2
(0.40)
23.1
(0.91)
29.5
(1.16)
17.8
(0.70)
Ø 4.8
(0.19)
20.0
(0.8)
0.3
(0.01)
1 2 3 4
0.5
(0.02)
2.5
(0.10)
Ø 3.9
(0.16)
P 1
P 2
Engraved "1"
denotes Pin 1
Ø 4.8
(0.19)
10.2
(0.40)
6.4
(0.25)
10.9
(0.43)
17.8
(0.70)
8.1
(0.32)
29.5
(1.16)
23.1
(0.91)
20.0
(0.8)
0.3
(0.01)
1 2 3 4
0.5
(0.02)
2.5
(0.10)
Ø 3.9
(0.16)
P 1
P 2
P 2
mass: approx. 2 g
dimensions in mm (inches)
third angle projection
third angle projection



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com