Electronic Components Datasheet Search
  English  ▼

X  

2N3055 Datasheet(PDF) 3 Page - Motorola, Inc

Part # 2N3055
Description  15 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 60 VOLTS 115 WATTS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

2N3055 Datasheet(HTML) 3 Page - Motorola, Inc

  2N3055 Datasheet HTML 1Page - Motorola, Inc 2N3055 Datasheet HTML 2Page - Motorola, Inc 2N3055 Datasheet HTML 3Page - Motorola, Inc 2N3055 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2N3055 MJ2955
3
Motorola Bipolar Power Transistor Device Data
500
0.1
Figure 3. DC Current Gain
IC, COLLECTOR CURRENT (AMP)
5.0
0.2
0.3
0.5 0.7
1.0
2.0 3.0
5.0
10
100
50
30
20
200
70
TJ = 150°C
25
°C
–55
°C
VCE = 4.0 V
NPN
2N3055
PNP
MJ2955
200
0.1
IC, COLLECTOR CURRENT (AMP)
10
0.2
0.3
0.5 0.7 1.0
2.0
3.0
5.0
10
70
30
20
100
50
TJ = 150°C
25
°C
–55
°C
VCE = 4.0 V
7.0
10
300
7.0
7.0
Figure 4. Collector Saturation Region
2.0
5.0
IB, BASE CURRENT (mA)
0
10
20
50
100
200
500
1000 2000
5000
1.6
1.2
0.8
0.4
IC = 1.0 A
TJ = 25°C
4.0 A
8.0 A
2.0
IB, BASE CURRENT (mA)
0
1.6
1.2
0.8
0.4
1.4
0.1
IC, COLLECTOR CURRENT (AMPERES)
0.2
0.3
0.5 0.7
1.0
2.0
3.0
5.0
10
1.0
0.6
0.4
0.2
0
TJ = 25°C
VBE(sat) @ IC/IB = 10
VCE(sat) @ IC/IB = 10
Figure 5. “On” Voltages
1.2
0.8
7.0
VBE @ VCE = 4.0 V
2.0
0.1
IC, COLLECTOR CURRENT (AMP)
0.2
0.3
0.5
1.0
2.0
3.0
5.0
10
1.2
0.4
0
TJ = 25°C
VBE(sat) @ IC/IB = 10
VCE(sat) @ IC/IB = 10
1.6
0.8
VBE @ VCE = 4.0 V
5.0
10
20
50
100
200
500
1000 2000
5000
IC = 1.0 A
TJ = 25°C
4.0 A
8.0 A



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com