Electronic Components Datasheet Search
  English  ▼

X  

SSC2035AA Datasheet(PDF) 3 Page - Sensortechnics GmbH

Part # SSC2035AA
Description  Temperature compensated silicon stainless steel pressure sensors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

SSC2035AA Datasheet(HTML) 3 Page - Sensortechnics GmbH

  SSC2035AA Datasheet HTML 1Page - Sensortechnics GmbH SSC2035AA Datasheet HTML 2Page - Sensortechnics GmbH SSC2035AA Datasheet HTML 3Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SSC2000 Series
Temperature compensated silicon stainless steel pressure sensors
3/3
February 2005 / 061
www.sensortechnics.com
SSC2000...B
Sensortechnics reserves the right to make changes to any products herein. Sensortechnics does not assume any liability arising out of the
application or use of any product or circuit described herein, neither does it convey any license under its patent rights nor the rights of others.
OUTLINE DRAWING
SSC2000...A
NOM 50.0
7/8"
2
1
3 4
Flat Kapton
flex cable
22.6
12.7
1/2-20UNF
6.6
7.8
5.1
4.3 diamx
13 deep 7
mass: 28 g
dimensions in mm
mass: 45 g
dimensions in mm
2.1
7
8
8
22.1
4.0
16.2
27.6
4.3 diam...x
11.9 deep
15.0
diam.
12.8
diam.
Flat Kapton
flex cable
4
1 2
3
NOM 50.0



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com