Electronic Components Datasheet Search
  English  ▼

X  

BL-L101VC Datasheet(PDF) 1 Page - BetLux Electronics

Part # BL-L101VC
Description  Round Type LED lamp
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics

BL-L101VC Datasheet(HTML) 1 Page - BetLux Electronics

  BL-L101VC Datasheet HTML 1Page - BetLux Electronics BL-L101VC Datasheet HTML 2Page - BetLux Electronics BL-L101VC Datasheet HTML 3Page - BetLux Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.betlux.com
Round Type LED lamp
BL-L101
APPROVED : XU L
CHECKED :ZHANG WH
DRAWN: LI FS
REV NO: V.2
Page 1 of 3
WWW.BETLUX.COM
EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM
Features:
10mm Round LED Lamps
Ultra brightness.
Choice of various viewing angles.
Diffused, Transparent and Water clear lens are available.
IC compatible /Low current capability.
RoHs Compliance
Electrical-optical characteristics: (Ta=25°C)
(Test Condition: IF=20mA)
Chip
Forward
Voltage(VF)
Unit:V
Luminous
Intensity
(Iv)
Unit:mcd
Part Number
Emitted Color
Material
λλλλP
(n
m)
Lens
Type
Typ
Max
Min.
Typ.
Viewi
ng
Angle
2θ1/2
(deg)
BL-L101SRC
Hi Red
AlGaAs,SH
660
1.85
2.20
50
250
BL-L101LRC
Super Red
AlGaAs,DH
660
1.85
2.20
250
600
BL-L101URC
Ultra Red
AlGaAs,DDH
660
1.95
2.20
600
1000
BL-L101UEC
Ultra Orange
AlGaInP
630
2.10
2.50
800
1500
BL-L101UYC
Ultra Yellow
AlGaInP
590
2.10
2.50
600
1300
BL-L101UGC
Ultra Green
AlGaInP
574
2.20
2.50
200
700
BL-L101PGC
Ultra Pure Green
InGaN
525
3.80
4.50
1000
5000
BL-L101BGC
Ultra Bluish Green
InGaN
505
3.80
4.50
800
4000
BL-L101UBC
Ultra Blue
InGaN
470
2.70
4.20
800
2000
BL-L101VC
UV
InGaN
405
Water
Clear
3.80
4.50
80
120
BL-L101UWC
Ultra White
InGaN
/
2.70
4.20
4000
10000
BL-L101UW2C
Warm White
InGaN
/
2.70
4.20
3000
8000
25
Absolute maximum ratings (Ta=25°C)
Parameter
SR
LR
UR
UE
UY
UG
PG
BG
B
UB
UV
W
U
nit
Forward Current
IF
25
25
25
30
30
30
30
30
30
30
30
30
mA
Power Dissipation Pd
60
60
60
65
65
75
110
110
120
120
120
120
mW
Reverse Voltage VR
5
5
5
5
5
5
5
5
5
5
5
5
V
Peak Forward Current IPF
(Duty 1/10 @1KHZ)
150
150
150
150
150
150
150
100
100
100
100
100
mA
Operation Temperature TOPR
-40 to +80
Storage Temperature TSTG
-40 to +85
Lead Soldering Temperature
TSOL
Max.260
5
for 3 sec Max.
(1.6mm from the base of the epoxy bulb)


Similar Part No. - BL-L101VC

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-L101 BETLUX-BL-L101 Datasheet
244Kb / 4P
10mm Round LED Lamps
REV NO: V.2
BL-L101LRC BETLUX-BL-L101LRC Datasheet
244Kb / 4P
10mm Round LED Lamps
REV NO: V.2
BL-L101PGC BETLUX-BL-L101PGC Datasheet
244Kb / 4P
10mm Round LED Lamps
REV NO: V.2
BL-L101SRC BETLUX-BL-L101SRC Datasheet
244Kb / 4P
10mm Round LED Lamps
REV NO: V.2
BL-L101UEC BETLUX-BL-L101UEC Datasheet
244Kb / 4P
10mm Round LED Lamps
REV NO: V.2
More results

Similar Description - BL-L101VC

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-L304SRC BETLUX-BL-L304SRC Datasheet
71Kb / 3P
Round Type LED lamp
REV NO: V.2
BL-L312SRC BETLUX-BL-L312SRC Datasheet
73Kb / 3P
Round Type LED lamp
REV NO: V.2
BL-L314HD BETLUX-BL-L314HD Datasheet
71Kb / 3P
Round Type LED lamp
REV NO: V.2
BL-L502SRC BETLUX-BL-L502SRC Datasheet
71Kb / 3P
Round Type LED lamp
REV NO: V.2
BL-L512SRC BETLUX-BL-L512SRC Datasheet
73Kb / 3P
Round Type LED lamp
REV NO: V.2
BL-L513 BETLUX-BL-L513 Datasheet
73Kb / 3P
Round Type LED lamp
REV NO: V.2
BL-L513UEC-HT30 BETLUX-BL-L513UEC-HT30 Datasheet
68Kb / 3P
Round Type LED lamp
REV NO: V.2
BL-L813SRC BETLUX-BL-L813SRC Datasheet
72Kb / 3P
Round Type LED lamp
REV NO: V.2
logo
LIGITEK electronics co....
LA2040 LIGITEK-LA2040 Datasheet
995Kb / 5P
ROUND TYPE LED LAMP
logo
BetLux Electronics
BL-L314 BETLUX-BL-L314_11 Datasheet
232Kb / 4P
Round Type LED lamp
REV NO: V.2
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com