Electronic Components Datasheet Search
  English  ▼

X  

SX30DN Datasheet(PDF) 10 Page - Sensortechnics GmbH

Part # SX30DN
Description  Pressure sensors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

SX30DN Datasheet(HTML) 10 Page - Sensortechnics GmbH

Back Button SX30DN Datasheet HTML 2Page - Sensortechnics GmbH SX30DN Datasheet HTML 3Page - Sensortechnics GmbH SX30DN Datasheet HTML 4Page - Sensortechnics GmbH SX30DN Datasheet HTML 5Page - Sensortechnics GmbH SX30DN Datasheet HTML 6Page - Sensortechnics GmbH SX30DN Datasheet HTML 7Page - Sensortechnics GmbH SX30DN Datasheet HTML 8Page - Sensortechnics GmbH SX30DN Datasheet HTML 9Page - Sensortechnics GmbH SX30DN Datasheet HTML 10Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
SX Series
Pressure sensors
10/10
July 2008 / 052
www.sensortechnics.com
ORDERING INFORMATION
SenSym and Sensortechnics reserve the right to make changes to any products herein. SenSym and Sensortechnics do not assume any
liability arising out of the application or use of any product or circuit described herein, neither does it convey any license under its patent
rights nor the rights of others.
e
g
n
a
r
e
r
u
s
s
e
r
P
.
o
n
t
r
a
p
r
e
d
r
O
e
g
a
k
c
a
p
n
o
t
t
u
Be
g
a
k
c
a
p
"
N
"
e
g
a
k
c
a
p
"
2
D
"
P
I
D
)
d
e
t
r
o
p
e
l
g
n
i
s
(
e
g
a
k
c
a
p
"
4
D
"
P
I
D
)
d
e
t
r
o
p
l
a
u
d
(
e
t
u
l
o
s
b
A
e
r
u
s
s
e
r
p
i
s
p
5
1
-
0A
5
1
X
SN
A
5
1
X
S2
D
A
5
1
X
S-
-
-
i
s
p
0
3
-
0A
0
3
X
SN
A
0
3
X
S2
D
A
0
3
X
S-
-
-
i
s
p
0
0
1
-
0A
0
0
1
X
SN
A
0
0
1
X
S2
D
A
0
0
1
X
S-
-
-
i
s
p
0
5
1
-
0A
0
5
1
X
S-
-
--
-
--
-
-
e
g
a
G
e
r
u
s
s
e
r
p
i
s
p
1
-
0
e
s
u
l
a
i
t
n
e
r
e
f
f
i
d
s
e
c
i
v
e
d
e
s
u
l
a
i
t
n
e
r
e
f
f
i
d
s
e
c
i
v
e
d
2
D
G
1
0
X
S-
-
-
i
s
p
5
-
02
D
G
5
0
X
S-
-
-
i
s
p
5
1
-
02
D
G
5
1
X
S-
-
-
i
s
p
0
3
-
02
D
G
0
3
X
S-
-
-
i
s
p
0
0
1
-
02
D
G
0
0
1
X
S-
-
-
i
s
p
0
5
1
-
0-
-
--
-
-
l
a
i
t
n
e
r
e
f
f
i
D
e
r
u
s
s
e
r
p
i
s
p
1
-
0D
1
0
X
SN
D
1
0
X
S-
-
-4
D
D
1
0
X
S
i
s
p
5
-
0D
5
0
X
SN
D
5
0
X
S-
-
-4
D
D
5
0
X
S
i
s
p
5
1
-
0D
5
1
X
SN
D
5
1
X
S-
-
-4
D
D
5
1
X
S
i
s
p
0
3
-
0D
0
3
X
SN
D
0
3
X
S-
-
-4
D
D
0
3
X
S
i
s
p
0
0
1
-
0D
0
0
1
X
SN
D
0
0
1
X
S-
-
-4
D
D
0
0
1
X
S
i
s
p
0
5
1
-
0D
0
5
1
X
SN
D
0
5
1
X
S-
-
--
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com