Electronic Components Datasheet Search
  English  ▼

X  

SX05GD2 Datasheet(PDF) 8 Page - Sensortechnics GmbH

Part # SX05GD2
Description  Pressure sensors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

SX05GD2 Datasheet(HTML) 8 Page - Sensortechnics GmbH

Back Button SX05GD2 Datasheet HTML 2Page - Sensortechnics GmbH SX05GD2 Datasheet HTML 3Page - Sensortechnics GmbH SX05GD2 Datasheet HTML 4Page - Sensortechnics GmbH SX05GD2 Datasheet HTML 5Page - Sensortechnics GmbH SX05GD2 Datasheet HTML 6Page - Sensortechnics GmbH SX05GD2 Datasheet HTML 7Page - Sensortechnics GmbH SX05GD2 Datasheet HTML 8Page - Sensortechnics GmbH SX05GD2 Datasheet HTML 9Page - Sensortechnics GmbH SX05GD2 Datasheet HTML 10Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
SX Series
Pressure sensors
8/10
July 2008 / 052
www.sensortechnics.com
PHYSICAL DIMENSIONS
Button package
N package
mass: 1 g
dimensions in inches (mm)
mass: 5 g
dimensions in inches (mm)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com