Electronic Components Datasheet Search
  English  ▼

X  

BL-L558VC Datasheet(PDF) 1 Page - BetLux Electronics

Part # BL-L558VC
Description  Ovel Type LED lamp
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics

BL-L558VC Datasheet(HTML) 1 Page - BetLux Electronics

  BL-L558VC Datasheet HTML 1Page - BetLux Electronics BL-L558VC Datasheet HTML 2Page - BetLux Electronics BL-L558VC Datasheet HTML 3Page - BetLux Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.betlux.com
Ovel Type LED lamp
BL-L558
APPROVED : XU L
CHECKED :ZHANG WH
DRAWN: LI FS
REV NO: V.2
Page 1 of 3
WWW.BETLUX.COM
EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM
Features:
5mm Ovel Type (4.6*5.8*7.9mm) LED Lamps
Ultra brightness.
Choice of various viewing angles.
Diffused, Transparent and Water clear lens are available.
IC compatible /Low current capability.
RoHs Compliance
Electrical-optical characteristics: (Ta=25°C)
(Test Condition: IF=20mA)
Chip
Forward
Voltage(VF)
Unit:V
Luminous
Intensity
(Iv)
Unit:mcd
Part Number
Emitted Color
Material
λλλλP
(n
m)
Lens
Type
Typ
Max
Min.
Typ.
Viewi
ng
Angle
2θ1/2
(deg)
BL-L558SRC
Hi Red
AlGaAs,SH
660
1.85
2.20
50
200
BL-L558LRC
Super Red
AlGaAs,DH
660
1.85
2.20
200
500
BL-L558URC
Ultra Red
AlGaAs,DDH
660
1.95
2.20
500
700
BL-L558UEC
Ultra Orange
AlGaInP
630
2.10
2.50
300
850
BL-L558UYC
Ultra Yellow
AlGaInP
590
2.10
2.50
300
850
BL-L558UGC
Ultra Green
AlGaInP
574
2.20
2.50
100
280
BL-L558PGC
Ultra Pure Green
InGaN
525
3.80
4.50
900
2000
BL-L558BGC
Ultra Bluish Green
InGaN
505
3.80
4.50
650
1700
BL-L558BC
Blue
InGaN
430
3.80
4.50
350
1000
BL-L558UBC
Ultra Blue
InGaN
470
2.70
4.20
800
1800
BL-L558VC
UV
InGaN
405
3.80
4.50
60
100
BL-L558UWC
Ultra White
InGaN
/
Water
Clear
2.70
4.20
1200
2500
X-X
30
Y-Y
75
Absolute maximum ratings (Ta=25°C)
Parameter
SR
LR
UR
UE
UY
UG
PG
BG
B
UB
UV
W
U
nit
Forward Current
IF
25
25
25
30
30
30
30
30
30
30
30
30
mA
Power Dissipation Pd
60
60
60
65
65
75
110
110
120
120
120
120
mW
Reverse Voltage VR
5
5
5
5
5
5
5
5
5
5
5
5
V
Peak Forward Current IPF
(Duty 1/10 @1KHZ)
150
150
150
150
150
150
150
100
100
100
100
100
mA
Operation Temperature TOPR
-40 to +80
Storage Temperature TSTG
-40 to +85
Lead Soldering Temperature
TSOL
Max.260
5
for 3 sec Max.
(1.6mm from the base of the epoxy bulb)


Similar Part No. - BL-L558VC

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-L558 BETLUX-BL-L558 Datasheet
233Kb / 4P
5mm Oval Type (4.6*5.8*7.9mm) LED Lamps
REV NO: V.2
BL-L558LRC BETLUX-BL-L558LRC Datasheet
233Kb / 4P
5mm Oval Type (4.6*5.8*7.9mm) LED Lamps
REV NO: V.2
BL-L558PGC BETLUX-BL-L558PGC Datasheet
233Kb / 4P
5mm Oval Type (4.6*5.8*7.9mm) LED Lamps
REV NO: V.2
BL-L558SRC BETLUX-BL-L558SRC Datasheet
233Kb / 4P
5mm Oval Type (4.6*5.8*7.9mm) LED Lamps
REV NO: V.2
BL-L558UEC BETLUX-BL-L558UEC Datasheet
233Kb / 4P
5mm Oval Type (4.6*5.8*7.9mm) LED Lamps
REV NO: V.2
More results

Similar Description - BL-L558VC

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-L453SRC BETLUX-BL-L453SRC Datasheet
70Kb / 3P
Ovel LED lamp
REV NO: V.2
BL-L463SRC BETLUX-BL-L463SRC Datasheet
70Kb / 3P
Ovel LED lamp
REV NO: V.2
BL-L555SRC BETLUX-BL-L555SRC Datasheet
70Kb / 3P
Ovel Type LED lamp
REV NO: V.2
BL-L557SRC BETLUX-BL-L557SRC Datasheet
70Kb / 3P
Ovel Type LED lamp
REV NO: V.2
BL-L557UED-D3 BETLUX-BL-L557UED-D3 Datasheet
67Kb / 3P
Ovel Type LED lamp
REV NO: V.2
BL-L563URC BETLUX-BL-L563URC Datasheet
73Kb / 3P
Ovel Type LED lamp
REV NO: V.3
logo
LIGITEK electronics co....
LDBK13433 LIGITEK-LDBK13433 Datasheet
125Kb / 6P
OVEL TYPE LED LAMPS
LDGM13433 LIGITEK-LDGM13433 Datasheet
116Kb / 6P
OVEL TYPE LED LAMPS
logo
BRIGHT LED ELECTRONICS ...
BL-X2361 BRIGHT-BL-X2361 Datasheet
258Kb / 6P
AXIAL TYPE LED LAMP
BL-X4361 BRIGHT-BL-X4361 Datasheet
232Kb / 6P
AXIAL TYPE LED LAMP
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com