Electronic Components Datasheet Search
  English  ▼

X  

VC244A Datasheet(PDF) 5 Page - Texas Instruments

Part # VC244A
Description  16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

VC244A Datasheet(HTML) 5 Page - Texas Instruments

  VC244A Datasheet HTML 1Page - Texas Instruments VC244A Datasheet HTML 2Page - Texas Instruments VC244A Datasheet HTML 3Page - Texas Instruments VC244A Datasheet HTML 4Page - Texas Instruments VC244A Datasheet HTML 5Page - Texas Instruments VC244A Datasheet HTML 6Page - Texas Instruments VC244A Datasheet HTML 7Page - Texas Instruments VC244A Datasheet HTML 8Page - Texas Instruments VC244A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
www.ti.com
Switching Characteristics
Operating Characteristics
SN74ALVC16244A
16-BIT BUFFER/DRIVER
WITH 3-STATE OUTPUTS
SCAS250O – JANUARY 1993 – REVISED OCTOBER 2005
Electrical Characteristics (continued)
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN TYP(1)
MAX
UNIT
Co
Outputs
VO = VCC or GND
3.3 V
7
pF
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 1)
VCC = 2.5 V
VCC = 3.3 V
VCC = 1.8 V
VCC = 2.7 V
FROM
TO
± 0.2 V
± 0.3 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
TYP
MIN
MAX
MIN
MAX
MIN
MAX
tpd
A
Y
(1)
1
3.7
3.6
1
3
ns
ten
OE
Y
(1)
1
5.7
5.4
1
4.4
ns
tdis
OE
Y
(1)
1
5.2
4.6
1
4.1
ns
(1)
This information was not available at the time of publication.
T
A = 25°C
VCC = 1.8 V
VCC = 2.5 V
VCC = 3.3 V
TEST
PARAMETER
UNIT
CONDITIONS
TYP
TYP
TYP
Outputs enabled
(1)
16
19
Power dissipation
Cpd
CL = 50 pF, f = 10 MHz
pF
capacitance
Outputs disabled
(1)
4
5
(1)
This information was not available at the time of publication.
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com