Electronic Components Datasheet Search
  English  ▼

X  

SN74ALVC3651PCB Datasheet(PDF) 21 Page - Texas Instruments

Part # SN74ALVC3651PCB
Description  2048 횞 36 SYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ALVC3651PCB Datasheet(HTML) 21 Page - Texas Instruments

Back Button SN74ALVC3651PCB Datasheet HTML 17Page - Texas Instruments SN74ALVC3651PCB Datasheet HTML 18Page - Texas Instruments SN74ALVC3651PCB Datasheet HTML 19Page - Texas Instruments SN74ALVC3651PCB Datasheet HTML 20Page - Texas Instruments SN74ALVC3651PCB Datasheet HTML 21Page - Texas Instruments SN74ALVC3651PCB Datasheet HTML 22Page - Texas Instruments SN74ALVC3651PCB Datasheet HTML 23Page - Texas Instruments SN74ALVC3651PCB Datasheet HTML 24Page - Texas Instruments SN74ALVC3651PCB Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
SN74ALVC3651
2048
× 36
SYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SDMS025A – OCTOBER 1999 – REVISED DECEMBER 1999
21
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)†
Supply voltage range, VCC
–0.5 V to 4.6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI (see Note 1)
–0.5 V to VCC + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range, VO (see Note 1)
–0.5 V to VCC + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input clamp current, IIK (VI < 0 or VI > VCC)
±20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output clamp current, IOK (VO < 0 or VO > VCC)
±50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous output current, IO (VO = 0 to VCC)
±50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous current through VCC or GND
±400 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package thermal impedance,
θJA (see Note 2): PCB package
28
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
PQ package
46
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. The input and output voltage ratings may be exceeded provided the input and output current ratings are observed.
2. The package thermal impedance is calculated in accordance with JESD 51.
recommended operating conditions
MIN
TYP
MAX
UNIT
VCC
Supply voltage
3.0
3.3
3.6
V
VIH
High-level input voltage
2
VCC + 0.5
V
VIL
Low-level input voltage
0.8
V
IOH
High-level output current
–4
mA
IOL
Low-level output current
8
mA
TA
Operating free-air temperature
0
70
°C
electrical characteristics over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP‡
MAX
UNIT
VOH
VCC = 3.0 V,
IOH = –4 mA
2.4
V
VOL
VCC = 3.0 V,
IOL = 8 mA
0.5
V
II
VCC = 3.6 V,
VI = VCC or 0
±5
µA
IOZ
VCC = 3.6 V,
VO = VCC or 0
±5
µA
ICC
VCC = 3.6 V,
VI = VCC – 0.2 V or 0
350
µA
Cio
VI = 0,
f = 1 MHz
4
pF
Ccontrol
VI = 0,
f = 1 MHz
8
pF
‡ All typical values are at VCC = 3.3 V, TA = 25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com