Electronic Components Datasheet Search
  English  ▼

X  

X112LE0 Datasheet(PDF) 3 Page - Sensortechnics GmbH

Part # X112LE0
Description  8 mm switching soleniod valves
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

X112LE0 Datasheet(HTML) 3 Page - Sensortechnics GmbH

  X112LE0 Datasheet HTML 1Page - Sensortechnics GmbH X112LE0 Datasheet HTML 2Page - Sensortechnics GmbH X112LE0 Datasheet HTML 3Page - Sensortechnics GmbH X112LE0 Datasheet HTML 4Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
X-Valve
®
8 mm switching soleniod valves
3/4
October 2008 / 250
www.sensortechnics.com
0.375
(9.5)
0.640
(16.3)
0.916
(23.3)
0.155
(3.9)
0.310
(7.9)
0.28
(7.1)
Short pin
0.157
(4.0)
0.100
(2.5)
0.41
(10.3)
Long pin
Normally open port
3 x barb fitting for 1/16" I.D.
thin wall polyurethane tubing
Normally closed port
Common port
to receptacle center line
0.150
(3.8)
receptacle contacts for
0.025 (0.6) SQ. terminal posts
OUTLINE DRAWING
Side view
Bottom view
dimensions in inches (mm)
Manifold mount diagram
0.315
(8.0)
0.315
(8.0)
0.642
(16.3)
0.157
(4.0)
0.6746
(17.13)
0.5345
(13.58)
0.030
(0.8)
Ø 0.047 x
0.20±0.02 (Ø1.2 x
5.1±0.5)
#0-80 UNF-2B x
0.15±0.02 (
3.8±0.5)
Ø 0.090 x
"Depth"
Ø 0.112/0.115 x
0.100
90° to Ø 0.132±0.003
(Ø 2.3 x
"Depth"
Ø 2.8/2.9 x
2.5
90° to Ø 3.4±0.08)
dimensions in inches (mm)
dimensions in inches (mm)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com