Electronic Components Datasheet Search
  English  ▼

X  

LTC2217CUP Datasheet(PDF) 13 Page - Linear Technology

Part # LTC2217CUP
Description  16-Bit, 105Msps Low Noise ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2217CUP Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC2217CUP Datasheet HTML 9Page - Linear Technology LTC2217CUP Datasheet HTML 10Page - Linear Technology LTC2217CUP Datasheet HTML 11Page - Linear Technology LTC2217CUP Datasheet HTML 12Page - Linear Technology LTC2217CUP Datasheet HTML 13Page - Linear Technology LTC2217CUP Datasheet HTML 14Page - Linear Technology LTC2217CUP Datasheet HTML 15Page - Linear Technology LTC2217CUP Datasheet HTML 16Page - Linear Technology LTC2217CUP Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
LTC2217
13
2217f
2217 G37
0.995
0.996
0.997
0.998
0.999
1
1.001
1.002
1.003
1.004
1.005
TEMPERATURE (
°C)
–40
–20
0
20
40
60
80
2217 G38
–5
–4
–3
–2
–1
0
1
2
3
4
5
–40
–20
0
20
40
60
80
TEMPERATURE (
°C)
2217 G39
0.995
0.996
0.997
0.998
0.999
1
1.001
1.002
1.003
1.004
1.005
TEMPERATURE (
°C)
–40
–20
0
20
40
60
80
2217 G40
–5
–4
–3
–2
–1
0
1
2
3
4
5
TEMPERATURE (
°C)
–40
–20
0
20
40
60
80
2217 G41
60
65
70
75
80
85
90
95
100
105
110
0.5
0.75
1
1.25
1.5
1.75
2
ANALOG INPUT COMMON MODE VOLTAGE (V)
70MHz
5MHz
Input Offset Voltage vs
Temperature, Internal Reference,
5 Units
Normalized Full Scale vs
Temperature, External Reference,
5 Units
Input Offset Voltage vs
Temperature, External Reference,
5 Units
TYPICAL PERFORMANCE CHARACTERISTICS
Normalized Full Scale vs
Temperature, Internal Reference,
5 Units
SFDR vs Analog Input Common
Mode Voltage, 5MHz and 70MHz,
–1dBFS
Mid-Scale Settling After Wake
Up from Shutdown or Starting
Encode Clock
Full-Scale Settling After Wake
Up from Shutdown or Starting
Encode Clock
0
300
600
900
1200
1500
TIME AFTER WAKE-UP OR CLOCK START (
μs)
–0.5
–0.4
–0.3
–0.2
–0.1
0.0
0.1
0.2
0.3
0.4
0.5
CLOCK START
WAKE-UP
2217 G42
TIME AFTER WAKE-UP OR CLOCK START (
μs)
–0.5
–0.4
–0.3
–0.2
–0.1
0.0
0.1
0.2
0.3
0.4
0.5
CLOCK START
WAKE-UP
0
400
800
1200
1600
2000
2217 G43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com