Electronic Components Datasheet Search
  English  ▼

X  

LTC2215UP Datasheet(PDF) 5 Page - Linear Technology

Part # LTC2215UP
Description  16-Bit, 80Msps/65Msps Low Noise ADC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2215UP Datasheet(HTML) 5 Page - Linear Technology

  LTC2215UP Datasheet HTML 1Page - Linear Technology LTC2215UP Datasheet HTML 2Page - Linear Technology LTC2215UP Datasheet HTML 3Page - Linear Technology LTC2215UP Datasheet HTML 4Page - Linear Technology LTC2215UP Datasheet HTML 5Page - Linear Technology LTC2215UP Datasheet HTML 6Page - Linear Technology LTC2215UP Datasheet HTML 7Page - Linear Technology LTC2215UP Datasheet HTML 8Page - Linear Technology LTC2215UP Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
LTC2216/LTC2215
5
22165f
The
l denotes the specifications which apply over the
full operating temperature range, otherwise specifications are at TA = 25°C. (Note 4)
DIGITAL INPUTS AND DIGITAL OUTPUTS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Encode Inputs (ENC+, ENC–)
VID
Differential Input Voltage
(Note 7)
l
0.2
V
VICM
Common Mode Input Voltage
Internally Set
Externally Set (Note 7)
1.2
1.6
3
V
V
RIN
Input Resistance
(See Figure 2)
6
k
Ω
CIN
Input Capacitance
(Note 7)
3
pF
Logic Inputs
VIH
High Level Input Voltage
VDD = 3.3V
l
2V
VIL
Low Level Input Voltage
VDD = 3.3V
l
0.8
V
IIN
Digital Input Current
VIN = 0V to VDD
l
±10
μA
CIN
Digital Input Capacitance
(Note 7)
1.5
pF
LOGIC OUTPUTS (CMOS MODE)
OVDD = 3.3V
VOH
High Level Output Voltage
VDD = 3.3V
IO = –10μA
IO = –200μA
l
3.1
3.299
3.29
V
V
VOL
Low Level Output Voltage
VDD = 3.3V
IO = 160μA
IO = 1.6mA
l
0.01
0.10
0.4
V
V
ISOURCE
Output Source Current
VOUT = 0V
–50
mA
ISINK
Output Sink Current
VOUT = 3.3V
50
mA
OVDD = 2.5V
VOH
High Level Output Voltage
VDD = 3.3V
IO = –200μA
2.49
V
VOL
Low Level Output Voltage
VDD = 3.3V
IO = 1.60mA
0.1
V
OVDD = 1.8V
VOH
High Level Output Voltage
VDD = 3.3V
IO = –200μA
1.79
V
VOL
Low Level Output Voltage
VDD = 3.3V
IO = 1.60mA
0.1
V
LOGIC OUTPUTS (LVDS MODE)
STANDARD LVDS
VOD
Differential Output Voltage
100
Ω Differential Load
l
247
350
454
mV
VOS
Output Common Mode Voltage
100
Ω Differential Load
l
1.125
1.2
1.375
V
Low Power LVDS
VOD
Differential Output Voltage
100
Ω Differential Load
l
125
175
250
mV
VOS
Output Common Mode Voltage
100
Ω Differential Load
l
1.125
1.2
1.375
V
The
l denotes the specifications which apply over the
full operating temperature range, otherwise specifications are at TA = 25°C. (Note 4)
COMMON MODE BIAS CHARACTERISTICS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCM Output Voltage
IOUT = 0
l
1.475
1.575
1.675
V
VCM Output Tempco
IOUT = 0
±60
ppm/°C
VCM Line Regulation
3.135V ≤ VDD ≤ 3.465V
2.4
mV/ V
VCM Output Resistance
| IOUT | ≤ 0.8mA
1.1
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com