Electronic Components Datasheet Search
  English  ▼

X  

LTC2224UK Datasheet(PDF) 21 Page - Linear Technology

Part # LTC2224UK
Description  12-Bit, 135Msps ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2224UK Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC2224UK Datasheet HTML 16Page - Linear Technology LTC2224UK Datasheet HTML 17Page - Linear Technology LTC2224UK Datasheet HTML 18Page - Linear Technology LTC2224UK Datasheet HTML 19Page - Linear Technology LTC2224UK Datasheet HTML 20Page - Linear Technology LTC2224UK Datasheet HTML 21Page - Linear Technology LTC2224UK Datasheet HTML 22Page - Linear Technology LTC2224UK Datasheet HTML 23Page - Linear Technology LTC2224UK Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
LTC2224
21
2224fa
APPLICATIO S I FOR ATIO
Evaluation Circuit Schematic of the LTC2224
GND
GND
GND
VCC
2LE
1LE
2OE
1OE
1D1
1D2
1D3
1D4
1D5
1D6
1D7
1D8
2D1
2D2
2D3
2D4
2D5
2D6
2D7
2D8
GND
VCC
GND
GND
VCC
GND
GND
VCC
1Q1
1Q2
1Q3
1Q4
1Q5
1Q6
1Q7
1Q8
2Q1
2Q2
2Q3
2Q4
2Q5
2Q6
2Q7
2Q8
AIN+
AIN–
REFHA
REFHA
GND
GND
REFLB
REFLB
REFHB
REFHB
REFLA
REFLA
VDD
VDD
VDD
VDD
VDD
ENC+
ENC–
SHDN
OE
VCM
SENSE
MODE
CLOCKOUT
D0
D1
D2
D3
D4
D5
D6
D7
D8
D9
D10
D11
OF
OVDD
OVDD
OVDD
OVDD
OGND
OGND
OGND
OGND
GND
GND
U1 LTC2224*
39
37
35
33
31
29
27
25
23
21
19
17
15
13
11
9
7
5
3
1
34
45
39
42
25
48
24
1
47
46
44
43
41
40
38
37
36
35
33
32
30
29
27
26
28
31
21
15
18
10
4
7
2
3
5
6
8
9
11
12
13
14
16
17
19
20
22
23
40
38
36
34
32
30
28
26
24
22
20
18
16
14
12
10
8
6
4
2
RN1D 33
Ω
RN1C 33
Ω
RN1B 33
Ω
RN1A 33
Ω
RN2D 33
Ω
RN2C 33
Ω
RN2B 33
Ω
RN2A 33
Ω
RN3D 33
Ω
RN3C 33
Ω
RN3B 33
Ω
RN3A 33
Ω
A0
A1
A2
A3
VCC
WP
SCL
SDA
1
2
3
4
8
7
6
5
R10
10k
R9
10k
R8
10k
C17
0.1
µF
C16
0.1
µF
C33
0.1
µF
VCC
VCC
NC7SV86P5X
4
4
5
1
2
1
2
3
5
3
VCC
CLOCKOUT
CLOCKOUT
JP1
U3
U2
R3
33
Ω
D0
D1
D2
D3
D4
D5
D6
D7
D8
D9
D10
D11
1
2
3
4
13
15
5
6
7
8
9
10
46
47
11
12
14
16
17
18
19
44
43
42
20
21
24
25
26
29
30
31
34
35
36
39
40
41
37
33
28
23
38
32
27
22
48
45
C13
0.1
µF
C12
0.1
µF
C10
0.1
µF
C11
33pF
C15
2.2
µF
C7
2.2
µF
C6
0.1
µF
C9
0.1
µF
C5
1
µF
C8
1
µF
VCC
C21
0.1
µF
C20
0.1
µF
C19
0.1
µF
C18
0.1
µF
C24
0.1
µF
C22
0.1
µF
VDD
VDD
VDD
VCM
EXT
REF
VDD
VCM
EXT
REF
R12
1k
R13
1k
R14
1k
2/3VDD
1/3VDD
GND
JP4
MODE
JP3
SENSE
CLK
CLK
VDD
VDD
SHDN
VDD
GND
JP2
VCC
C4
0.1
µF
C1
0.1
µF
C3
0.1
µF
R5
50
Ω
R2
24.9
Ω
R4
24.9
Ω
R6*
R1*
C2*
VCM
ANALOG
INPUT
T1*
J1
R19
OPT
R17
105k
C32
0.1
µF
C25
4.7
µF
C31
0.1
µF
C30
0.1
µF
C29
0.1
µF
VCC
OUT
ADJ
GND
BYP
IN
GND
GND
SHDN
R18
100k
1
2
3
4
8
7
6
5
C26
0.1
µF
C23
0.1
µF
R15
100
Ω
R16
100
Ω
ENCODE
INPUT
CLK
CLK
T2
ETC1-1T
J3
VDD
VDD
3.3V
PWR
GND
GND
C27
10
µF
6.3V
C28
0.01
µF
U6 LT1763
VCC
VDD
GND
49
PI74VCX16373A
24LC025
3201S-40G1
NC7SV86P5X
C34
1
µF
2224 AI01
U4
U5
Assembly Type
U1
R1, R6
C2
T1
DC751A-I
LTC2224CUK
24.9
Ω
12pF
ETC1-1T
DC751A-J
LTC2234CUK
24.9
Ω
12pF
ETC1-1T
DC751A-K
LTC2224CUK
12.4
Ω
8.2pF
ETC1-1-13
DC751A-L
LTC2234CUK
12.4
Ω
8.2pF
ETC1-1-13
*Version Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com