Electronic Components Datasheet Search
  English  ▼

X  

49326 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 49326
Description  0.30mm (.012?? Pitch FPC Connector 1.20mm (.047?? Height
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

49326 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  49326 Datasheet HTML 1Page - Molex Electronics Ltd. 49326 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Description
Order No.
Circuits
Plating
Material (Housing/Terminal)
Packaging
With
Ramp
Right Angle, SMT
Easy-OnTM
Bottom Contact
Height = 2.00mm (.079”)
FPC Thickness = 0.12mm
No
49022-5067
50
Gold
Polyamide (Glass-filled),
UL 94V-0, Phosphor Bronze
Embossed Tape
49326-5017
Yes
■
Voltage: 50V
■
Current: 0.5A
■
Contact Resistance: 40mΩ max.
■
Dielectric Withstanding Voltage: AC 250V
■
Insulation Resistance: 50mΩ min.
■
Durability: 10 cycles
■
Housing: Polyamide (Glass-filled), UL 94V-0
■
Actuator: PPS
■
Contact: Phosphor Bronze
■
Plating: Terminal - Gold; Solder Tab - Tin
■
Operating Temperature: -40。
C ~ +85。
C
■
49326 has corner mold guides ramps to
accept cable tabs and provide additional
mating guidance and retention
■
Robust design provides protection to
housing and actuator
■
Footprint compatible with some
competitive versions
■
Easy-OnTM actuator rotates back 100% to
provide easy cable insertion and secure
cable retention on both 49022 and 49326
■
Plasma Display Panels (PDP)
■
Liquid Crystal Display (LCD) Panels
■
HDTV
■
TV Tuners
■
Power Units
■
LCD / PDP Panel Switches
■
PDP Scan Boards
■
Office Automation
■
Servers, Routers
■
DVD
■
Plain Paper Copier
This new connector has two versions: one with
molded ramp guides to accommodate notches
on the FPC cable and provide additional
mating guidance and retention; and a
standard version without the mold guides that
accepts various FPC cable.
The main application for this new high density
FPC connector is PDP flat panel displays and
Low Voltage Differential Signaling (LVDS) TV
applications. However, its robust features
make it ideal for many high-density FPC
applications
Specifications:
49022 series without
FPC tab guides
49326 series with
FPC tab guides
Molded ramps
hold FPC tabs
Americas Headquarters
2222 Wellington Ct,
Lisle,Illionois 60532 U.S.A
Tel: 1-800-78MOLEX
amerinfo@molex.com
Far East North Headquarters
Yamato, Kanagawa, Japan
Tel: 81-462-65-2324
feninfo@molex.com
Far East South Headquarters
Jurong, Singapore
Tel: 65-6-268-6868
fesinfo@molex.com
European Headquarters
Munich, Germany
Tel: 49-89-413092-0
eurinfo@molex.com
Corporate Headquarters
2222 Wellington Ct,
Lisle, Illinois 60532 U.S.A
Tel: 630-969-4550
Order No. KOR-032
ⓒ2006, Molex Korea
Visit our Web site at http://www.molex.com
Printed in Korea/3K/AN/AN/2006.03
0.50mm (.020”) Pitch
FPC Connector
2.00mm (.079”) Height
49022/49326
INTRODUCTION
FEATURES AND BENEFITS
SELECTION MATRIX
APPLICATIONS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com