Electronic Components Datasheet Search
  English  ▼

X  

75360 Datasheet(PDF) 3 Page - Molex Electronics Ltd.

Part # 75360
Description  1.85 by 1.85mm (.073 by .073?? Pitch GbX* Backplane Connector System in 2, 3, 4 and 5-Pair Columns
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

75360 Datasheet(HTML) 3 Page - Molex Electronics Ltd.

  75360 Datasheet HTML 1Page - Molex Electronics Ltd. 75360 Datasheet HTML 2Page - Molex Electronics Ltd. 75360 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
americas Headquarters
Lisle, Illinois 60532 U.S.A.
1-800-78MOLEX
amerinfo@molex.com
asia pacific north Headquarters
Yamato, Kanagawa, Japan
81-46-265-2325
apninfo@molex.com
asia pacific south Headquarters
Jurong, Singapore
65-6268-6868
fesinfo@molex.com
european Headquarters
Munich, Germany
49-89-413092-0
eurinfo@molex.com
corporate Headquarters
2222 Wellington Ct.
Lisle, IL 60532 U.S.A.
630-969-4550
Fax:630-969-1352
Visit our website at www.molex.com/product/backplan/gbx.html
Order No. USA-250 Rev. 1
Printed in USA/JI/2007.09
©2007, Molex
Daughtercard Assembly
*Daughtercards are custom configured. Please visit the Molex Backplane Configurator web site to create a custom daughtercard at: www.molex.com/configurator.html
daughtercard assembly
2-pair
3-pair
4-pair
5-pair
Signal wafers, power modules,
and guide modules sequentially
assigned by application
75650-XXXX*
(High-speed differential pair signal
contacts only; wafer 75651-0001 for
reference information only)
75370-XXXX*
(High-speed signal contacts only;
wafer 75371-0001 for reference
information only)
75220-XXXX*
(Wafer 75221-0001 for reference
information only)
75360-XXXX*
(Wafer 75361-0001 for reference
information only)
Lite wafer blocks, power modules,
and guide modules sequentially
assigned by application
75670-XXXX*
Low-speed signal contacts only, Lite
wafer block 75671-0005 for reference
information only)
75660-XXXX*
Low-speed signal contacts only,
Lite wafer block 75661-0005 for
reference information only)
75420-XXXX*
Low-speed signal contacts only,
Lite wafer block 75421-0005 for
reference information only)
N/A
Lite wafer blocks, signal wafers,
power modules, and guide modules
sequentially assigned by application
75676-XXXX*
(High-speed differential pair signal
contacts 75651-0001 and low- speed
signal contacts 75671-0005 combined
in one assembly)
75666-XXXX*
(High-speed differential pair signal
contacts 75371-0001 and low-speed
signal contacts 75661-0005 combined
in one assembly)
75426-XXXX*
(High-speed differential pair signal
contacts 75221-0001 and low-speed
signal contacts 75421-0005 combined
in one assembly)
N/A
orderinG inFormation
1.85 by 1.85mm (.073
by .073”) pitch GbX*
Backplane connector system
in 2, 3, 4 and 5-pair
columns
2-pair (4 circuits per column)†
3-pair (6 circuits per column)†
4-pair (8 circuits per column)†
5-pair (10 circuits per column)†
Backplane Signal Header
Order No.
Circuits
Order No.
Circuits
Order No.
Circuits
Order No.
Circuits
5 Column Lite Open
75861-0504
25
75649-0504
40
75465-0505
55
N/A
N/A
10 Column Lite Open
75861-0104
50
75649-0104
80
75465-0104
110
N/A
N/A
25 Column Lite Open
75861-0204
125
N/A
N/A
75465-0204
275
N/A
N/A
10 Column Lite Guide Left
75861-2104
50
N/A
N/A
75465-2104
110
N/A
N/A
25 Column Lite Guide Left
75861-2204
125
N/A
N/A
75465-2204
275
N/A
N/A
10 Column Lite Guide Right
75861-4104
50
N/A
N/A
75465-4104
110
N/A
N/A
25 Column Lite Guide Right
75861-4204
125
N/A
N/A
75465-4204
275
N/A
N/A
5 Column Open
N/A
N/A
75433-0504
30
N/A
N/A
N/A
N/A
10 Column Open
75827-0104
40
75433-0104
60
75235-0104
80
75237-0104
100
25 Column Open
75827-0204
100
75433-0204
150
75235-0204
200
75237-0204
250
10 Column Guide Left
75827-2104
40
75433-2104
60
75235-2104
80
75237-2104
100
25 Column Guide Left
75827-2204
100
75433-2204
150
75235-2204
200
75237-2204
250
10 Column Guide Right
75827-4104
40
75433-4104
60
75235-4104
80
75237-4104
100
25 Column Guide Right
75827-4204
100
75433-4204
150
75235-4204
200
75237-4204
250
Backplane Signal Headers
† Multiple keying options are available; contact Molex Inside Sales.
Backplane power &
Guide components
2-pair
3-pair
4-pair
5-pair
order no.
circuits
order no.
circuits
order no.
circuits
order no.
circuits
Power
75492-1066
4
75331-0444
6
75341-4444
8
75517-7766
10
Stand-Alone Guide Pin Kit
75234-1508
75234-1469
75234-1469
75234-1469
Backplane Power and Guide Components



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com