Electronic Components Datasheet Search
  English  ▼

X  

LP34-340 Datasheet(PDF) 1 Page - Superworld Electronics

Part # LP34-340
Description  POWER TRANSFORMER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

LP34-340 Datasheet(HTML) 1 Page - Superworld Electronics

  LP34-340 Datasheet HTML 1Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1. CONFIGURATION & DIMENSIONS :
3. ELECTRICAL CHARACTERISTICS ( @ 25°C ) :
SUPERWORLD ELECTRONICS (S) PTE LTD
2. SCHEMATIC :
LP34-340 (F) SERIES
POWER TRANSFORMER
PG. 1
NOTE : Specifications subject to change without notice. Please check our website for latest information.
05.06.2008
indicates polarity
1
115/230V
4
2
Primaries
3
5
8
6
7
50.30
(1.980)
PCB Pattern
SIZE
12
L
WH
B
A
UNIT : mm (inch)
gram
311.85
(1.969)
50.00
(2.547)
64.70
26.30
(1.035)
(0.500)
12.70
50.80
(2.000)
50/60Hz
3
4
2
1
7
8
6
5
L
A
PC terminal
plug-in
mounting
B
B
a. Primary Voltage
AC 115/230 V 50/60 Hz .
b. NO Load Primary Current
Input AC 115V 60Hz .
Less Than 30mA .
Input AC 230V 50Hz .
Less Than 30mA .
c. Secondary Voltage (±5%)
Series AC 41.20V .
Parallel AC 20.60V .
d. Secondary Load Current
Series 340mA .
Parallel 680mA .
e. Full Load Primary Current
Input AC 115V 60Hz .
Less Than 80mA .
Input AC 230V 50Hz .
Less Than 150mA .
f. Full Load Secondary Voltage (±5%)
Series 34.00V .
Pin 3-4
Pin 1-2
g. DC Resistance
= 146 Ohm .
Primary = 146 Ohm .
Parallel 17.00V .
Pin 5-6
Pin 7-8
h. Insulation Resistance
i. Withstand Voltage (Hi-Pot)
Secondary = 4.50 Ohm .
= 4.50 Ohm .
DC 500V 100Meg Ohm Of More .
AC 1500V 60Hz 1 Minutes .
Less Than 60 Deg C .
UI-38 x 13.00 m/m .
j. Temperature Rise
k. Core Size


Similar Part No. - LP34-340

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
LP34-340B12 PULSE-LP34-340B12 Datasheet
152Kb / 1P
Laminated Transformers
LP34-340B12 PULSE-LP34-340B12 Datasheet
147Kb / 4P
IGNITION TRANSFORMERS
More results

Similar Description - LP34-340

ManufacturerPart #DatasheetDescription
logo
TRIAD MAGNETICS
VPS10-13000 TRIAD-VPS10-13000 Datasheet
158Kb / 1P
POWER TRANSFORMER POWER TRANSFORMER
logo
List of Unclassifed Man...
F-193U ETC2-F-193U Datasheet
52Kb / 1P
POWER TRANSFORMER
F-229X ETC2-F-229X Datasheet
50Kb / 1P
POWER TRANSFORMER
logo
Superworld Electronics
12A-2.5-12 SUPERWORLD-12A-2.5-12 Datasheet
122Kb / 1P
POWER TRANSFORMER
12A-2.5-20 SUPERWORLD-12A-2.5-20 Datasheet
111Kb / 1P
POWER TRANSFORMER
DCS3-28 SUPERWORLD-DCS3-28 Datasheet
120Kb / 1P
POWER TRANSFORMER
logo
XFMRS Inc.
XF0056-EE5S XFMRS-XF0056-EE5S Datasheet
39Kb / 1P
POWER TRANSFORMER
logo
Hammond Manufacturing L...
269EX HAMMOND-269EX Datasheet
215Kb / 1P
POWER TRANSFORMER
382X HAMMOND-382X Datasheet
307Kb / 1P
POWER TRANSFORMER
291AX HAMMOND-291AX Datasheet
243Kb / 1P
power transformer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com