Electronic Components Datasheet Search
  English  ▼

X  

ALVCH16374 Datasheet(PDF) 2 Page - Texas Instruments

Part # ALVCH16374
Description  16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ALVCH16374 Datasheet(HTML) 2 Page - Texas Instruments

  ALVCH16374 Datasheet HTML 1Page - Texas Instruments ALVCH16374 Datasheet HTML 2Page - Texas Instruments ALVCH16374 Datasheet HTML 3Page - Texas Instruments ALVCH16374 Datasheet HTML 4Page - Texas Instruments ALVCH16374 Datasheet HTML 5Page - Texas Instruments ALVCH16374 Datasheet HTML 6Page - Texas Instruments ALVCH16374 Datasheet HTML 7Page - Texas Instruments ALVCH16374 Datasheet HTML 8Page - Texas Instruments ALVCH16374 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
www.ti.com
GQL OR ZQL PACKAGE
(TOP VIEW)
A
B
C
D
E
F
G
H
J
K
1
2
3
4
5
6
1OE
1CLK
1D1
To Seven Other Channels
1Q1
2OE
2CLK
2D1
2Q1
To Seven Other Channels
1
48
47
24
25
36
C1
1D
13
2
C1
1D
Pin numbers shown are for the DGG, DGV, and DL packages.
SN74ALVCH16374
16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP
WITH 3-STATE OUTPUTS
SCES021L – JULY 1995 – REVISED SEPTEMBER 2004
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
Tube
SN74ALVCH16374DL
SSOP - DL
ALVCH16374
Tape and reel
SN74ALVCH16374DLR
TSSOP - DGG
Tape and reel
SN74ALVCH16374DGGR
ALVCH16374
-40
°C to 85°C
TVSOP - DGV
Tape and reel
SN74ALVCH16374DGVR
VH374
VFBGA - GQL
SN74ALVCH16374KR
Tape and reel
VH374
VFBGA - ZQL (Pb-free)
74ALVCH16374ZQLR
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guideline are available at
www.ti.com/sc/package.
TERMINAL ASSIGNMENTS(1)
1
2
3
4
5
6
A
1OE
NC
NC
NC
NC
1CLK
B
1Q2
1Q1
GND
GND
1D1
1D2
C
1Q4
1Q3
VCC
VCC
1D3
1D4
D
1Q6
1Q5
GND
GND
1D5
1D6
E
1Q8
1Q7
1D7
1D8
F
2Q1
2Q2
2D2
2D1
G
2Q3
2Q4
GND
GND
2D4
2D3
H
2Q5
2Q6
VCC
VCC
2D6
2D5
J
2Q7
2Q8
GND
GND
2D8
2D7
K
2OE
NC
NC
NC
NC
2CLK
(1)
NC - No internal connection
FUNCTION TABLE
(each flip-flop)
INPUTS
OUTPUT
Q
OE
CLK
D
L
↑
H
H
L
↑
L
L
L
H or L
X
Q0
H
X
X
Z
LOGIC DIAGRAM (POSITIVE LOGIC)
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com