Electronic Components Datasheet Search
  English  ▼

X  

LTC2228 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC2228
Description  12-Bit, 65/40/25Msps Low Power 3V ADCs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2228 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC2228 Datasheet HTML 5Page - Linear Technology LTC2228 Datasheet HTML 6Page - Linear Technology LTC2228 Datasheet HTML 7Page - Linear Technology LTC2228 Datasheet HTML 8Page - Linear Technology LTC2228 Datasheet HTML 9Page - Linear Technology LTC2228 Datasheet HTML 10Page - Linear Technology LTC2228 Datasheet HTML 11Page - Linear Technology LTC2228 Datasheet HTML 12Page - Linear Technology LTC2228 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
LTC2228/LTC2227/LTC2226
9
222876fb
TYPICAL PERFORMANCE CHARACTERISTICS
LTC2227: SFDR vs Input Frequency,
–1dB, 2V Range, 40Msps
LTC2227: SFDR vs Input Level,
fIN = 5MHz, 2V Range, 40Msps
LTC2227: IVDD vs Sample Rate,
5MHz Sine Wave Input, –1dB
LTC2227: SNR and SFDR vs Sample
Rate, 2V Range,fIN = 5MHz, –1dB
INPUT FREQUENCY (MHz)
0
100
95
90
85
80
75
70
65
150
2227 G10
50
100
200
SAMPLE RATE (Msps)
0
110
100
90
80
70
60
2227 G11
40
20
60
80
SNR
SFDR
LTC2227: SNR vs Input Level,
fIN = 5MHz, 2V Range, 40Msps
INPUT LEVEL (dBFS)
–60
–50
–40
–20
–30
–10
0
2227 G12
80
70
60
50
40
30
20
10
0
dBFS
dBc
2227 G13
INPUT LEVEL (dBFS)
–60
–50
–40
–20
–30
–10
0
120
110
100
90
80
70
60
50
40
30
20
dBFS
dBc
90dBc SFDR
REFERENCE LINE
2227 G14
SAMPLE RATE (Msps)
0
50
45
40
35
30
20
40
50
10
30
2V RANGE
1V RANGE
LTC2227: IOVDD vs Sample Rate,
5MHz Sine Wave Input, –1dB,
OVDD = 1.8V
2227 G15
SAMPLE RATE (Msps)
4
3
2
1
0
0
20
40
50
10
30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com