Electronic Components Datasheet Search
  English  ▼

X  

LTC2229 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC2229
Description  12-Bit, 80Msps Low Power 3V ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2229 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC2229 Datasheet HTML 2Page - Linear Technology LTC2229 Datasheet HTML 3Page - Linear Technology LTC2229 Datasheet HTML 4Page - Linear Technology LTC2229 Datasheet HTML 5Page - Linear Technology LTC2229 Datasheet HTML 6Page - Linear Technology LTC2229 Datasheet HTML 7Page - Linear Technology LTC2229 Datasheet HTML 8Page - Linear Technology LTC2229 Datasheet HTML 9Page - Linear Technology LTC2229 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
LTC2229
6
2229fa
TYPICAL PERFOR A CE CHARACTERISTICS
8192 Point FFT, fIN = 30MHz,
–1dB, 2V Range
8192 Point FFT, fIN = 70MHz,
–1dB, 2V Range
8192 Point FFT, fIN = 140MHz,
–1dB, 2V Range
Grounded Input Histogram
SNR vs Input Frequency,
–1dB, 2V Range
8192 Point 2-Tone FFT,
fIN = 28.2MHz and 26.8MHz,
–1dB, 2V Range
SFDR vs Input Frequency,
–1dB, 2V Range
SNR and SFDR vs Sample Rate,
2V Range, fIN = 5MHz, –1dB
SNR and SFDR
vs Clock Duty Cycle
FREQUENCY (MHz)
0
–60
–40
–20
0
35
2229 G04
–80
–100
–70
–50
–30
–10
–90
–110
–120
5
15
25
10
20
30
40
FREQUENCY (MHz)
0
–60
–40
–20
0
35
2229 G05
–80
–100
–70
–50
–30
–10
–90
–110
–120
5
15
25
10
20
30
40
FREQUENCY (MHz)
0
–60
–40
–20
0
35
2229 G06
–80
–100
–70
–50
–30
–10
–90
–110
–120
5
15
25
10
20
30
40
FREQUENCY (MHz)
0
–60
–40
–20
0
35
2229 G07
–80
–100
–70
–50
–30
–10
–90
–110
–120
5
15
25
10
20
30
40
CODE
2050
5712
100000
120000
140000
2229 G08
80000
60000
2051
116838
2052
8522
40000
20000
0
INPUT FREQUENCY (MHz)
0
65
66
68
69
70
75
72
50
100
2229 G09
67
73
74
71
150
200
INPUT FREQUENCY (MHz)
0
85
90
100
150
2229 G10
80
75
50
100
200
70
65
95
SAMPLE RATE (Msps)
0
80
90
100
80
2229 G11
70
60
50
10 20 30 40 50 60 70
90 100 110
SFDR
SNR
CLOCK DUTY CYCLE (%)
30
85
90
60
2229 G12
80
75
40
50
35
65
45
55
70
65
70
95
SFDR: DCS ON
SNR: DCS ON
SNR: DCS OFF
SFDR: DCS OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com