Electronic Components Datasheet Search
  English  ▼

X  

LTC2229CUH Datasheet(PDF) 3 Page - Linear Technology

Part # LTC2229CUH
Description  12-Bit, 80Msps Low Power 3V ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2229CUH Datasheet(HTML) 3 Page - Linear Technology

  LTC2229CUH Datasheet HTML 1Page - Linear Technology LTC2229CUH Datasheet HTML 2Page - Linear Technology LTC2229CUH Datasheet HTML 3Page - Linear Technology LTC2229CUH Datasheet HTML 4Page - Linear Technology LTC2229CUH Datasheet HTML 5Page - Linear Technology LTC2229CUH Datasheet HTML 6Page - Linear Technology LTC2229CUH Datasheet HTML 7Page - Linear Technology LTC2229CUH Datasheet HTML 8Page - Linear Technology LTC2229CUH Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
LTC2229
3
2229fa
The
● denotes the specifications which apply over the full operating temperature range,
otherwise specifications are at TA = 25°C. AIN = –1dBFS. (Note 4)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
SNR
Signal-to-Noise Ratio
5MHz Input
70.6
dB
40MHz Input
●
68.9
70.6
dB
70MHz Input
70.6
dB
140MHz Input
70.3
dB
SFDR
Spurious Free Dynamic Range
5MHz Input
90
dB
2nd or 3rd Harmonic
40MHz Input
●
74
90
dB
70MHz Input
90
dB
140MHz Input
85
dB
SFDR
Spurious Free Dynamic Range
5MHz Input
95
dB
4th Harmonic or Higher
40MHz Input
●
80
95
dB
70MHz Input
95
dB
140MHz Input
90
dB
S/(N+D)
Signal-to-Noise Plus Distortion Ratio
5MHz Input
70.6
dB
40MHz Input
●
68.5
70.5
dB
70MHz Input
70.5
dB
140MHz Input
70
dB
IMD
Intermodulation Distortion
fIN1 = 28.2MHz, fIN2 = 26.8MHz
90
dB
Full Power Bandwidth
Figure 8 Test Circuit
575
MHz
DY A IC ACCURACY
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCM Output Voltage
IOUT = 0
1.475
1.500
1.525
V
VCM Output Tempco
±25
ppm/
°C
VCM Line Regulation
2.7V < VDD < 3.4V
3
mV/V
VCM Output Resistance
–1mA < IOUT < 1mA
4
Ω
I TER AL REFERE CE CHARACTERISTICS (Note 4)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
Analog Input Range (AIN+ – AIN–)
2.7V < VDD < 3.4V (Note 7)
●
±0.5 to ±1V
VIN,CM
Analog Input Common Mode (AIN+ + AIN–)/2
Differential Input (Note 7)
●
1
1.5
1.9
V
Single Ended Input (Note 7)
●
0.5
1.5
2
V
IIN
Analog Input Leakage Current
0V < AIN+, AIN– < VDD
●
–1
1
µA
ISENSE
SENSE Input Leakage
0V < SENSE < 1V
●
–3
3
µA
IMODE
MODE Pin Leakage
●
–3
3
µA
tAP
Sample-and-Hold Acquisition Delay Time
0
ns
tJITTER
Sample-and-Hold Acquisition Delay Time Jitter
0.2
psRMS
CMRR
Analog Input Common Mode Rejection Ratio
80
dB
A ALOG I PUT The ● denotes the specifications which apply over the full operating temperature range, otherwise
specifications are at TA = 25°C. (Note 4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com