Electronic Components Datasheet Search
  English  ▼

X  

PDB1511331MZF Datasheet(PDF) 6 Page - Superworld Electronics

Part # PDB1511331MZF
Description  SMD POWER INDUCTORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

PDB1511331MZF Datasheet(HTML) 6 Page - Superworld Electronics

  PDB1511331MZF Datasheet HTML 1Page - Superworld Electronics PDB1511331MZF Datasheet HTML 2Page - Superworld Electronics PDB1511331MZF Datasheet HTML 3Page - Superworld Electronics PDB1511331MZF Datasheet HTML 4Page - Superworld Electronics PDB1511331MZF Datasheet HTML 5Page - Superworld Electronics PDB1511331MZF Datasheet HTML 6Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 6
01.05.2008
SMD POWER INDUCTORS
PDB1511 SERIES
10. UL CARD :
V
R
T
___
___
___
H
___
___
___
___
___
___
0
___
___
___
___
___
___
0
0
0
Liquid crystal plyester (LCP), designated "EKONOL" or "SUMIKASUPER", furnished in the form of pellets, (Contd)
E54705 (M)
0
04
130
130
130
94V-0
0.75
94V-0
94V-0
1.5
3.0
130
130
130
130
0
1
130
130
4
4
___
___
94V-0
94V-0
94V-0
94V-0
94V-0
94V-0
94V-0
94V-0
94V-0
94V-0
94V-0
94V-0
94V-0
94V-0
94V-0
94V-0
94V-0
0.30
NC , BK
E4010
NC , BK
NC , BK
E4810
E400(Y)L , E4008L
0.75
1.5
0.30
3.0
1.5
0.75
0.30
3.0
NC , BK
NC , WT , BK
E4008
E4008 , E400X
0.30
1.5
0.75
3.0
0.30
1.5
0.75
3.0
130
130
130
130
130
130
130
130
130
130
130
220
220
130
220
200
180
130
200
34
130
2
___
1
130
130
130
4
___
4
2
3
___
1
240
220
130
240
4
4
___
4
130
130
220
220
220
200
180
200
130
130
130
130
130
130
130
130
___
___
130
2
3
___
1
240
220
240
4
4
___
4
2
3
1
130
130
130
130
4
4
4
UL94
Class
Flame
Mtl Dsg
Min
mm
Thk
Col
Mech
RTI
Elec
Imp
with
Imp
w/o
HH
II
WA
___
___
4
5
___
___
___
___
___
___
___
___
___
4
___
___
___
5
___
___
4
___
___
5
___
___
___
___
___
4
___
___
5
___
___
___
4
___
5
___
D
C
I
T
5
4
9
GUANGDONG CHINA
Mtl Dsg
__
Coating Type
BC
TC
__
__
TI
Type
__
ANSI



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com