Electronic Components Datasheet Search
  English  ▼

X  

PDC0403 Datasheet(PDF) 2 Page - Superworld Electronics

Part # PDC0403
Description  SMD POWER INDUCTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

PDC0403 Datasheet(HTML) 2 Page - Superworld Electronics

  PDC0403 Datasheet HTML 1Page - Superworld Electronics PDC0403 Datasheet HTML 2Page - Superworld Electronics PDC0403 Datasheet HTML 3Page - Superworld Electronics PDC0403 Datasheet HTML 4Page - Superworld Electronics PDC0403 Datasheet HTML 5Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
6. ELECTRICAL CHARACTERISTICS :
SMD POWER INDUCTORS
PDC0403 SERIES
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 2
01.05.2008
PDC04031R4MZF
PDC04031R0MZF
PDC04032R7MZF
PDC04032R2MZF
PDC04033R3MZF
PDC04033R9MZF
PDC04031R8MZF
PDC04035R6MZF
PDC04038R2MZF
PDC04036R8MZF
PDC0403150MZF
PDC0403120MZF
PDC0403180MZF
PDC0403220MZF
PDC0403100MZF
PDC04034R7MZF
PDC0403330KZF
PDC0403470KZF
PDC0403390KZF
PDC0403680KZF
PDC0403560KZF
PDC0403270MZF
0.84
0.338
2.52
18.0±20%
47.0±10%
68.0±10%
56.0±10%
39.0±10%
33.0±10%
22.0±20%
27.0±20%
0.844
2.52
2.52
2.52
1.117
0.937
2.52
2.52
2.52
2.52
0.540
0.587
0.378
0.522
0.54
0.46
0.50
0.64
0.59
0.76
0.71
( A )
Max.
0.047
7.96
2.2±20%
5.6±20%
10.0±20%
15.0±20%
12.0±20%
8.2±20%
6.8±20%
3.9±20%
4.7±20%
2.7±20%
3.3±20%
0.101
7.96
2.52
2.52
2.52
7.96
7.96
0.182
0.235
0.210
0.132
0.117
7.96
7.96
7.96
7.96
0.076
0.094
0.052
0.058
Inductance
Part No.
1.0±20%
1.4±20%
1.8±20%
( µH )
Test
RDC
7.96
7.96
7.96
Frequency
( MHz )
0.033
0.038
0.042
( Ω )
Max.
2.60
1.60
1.15
0.92
1.05
1.26
1.41
1.98
1.70
2.43
2.15
IDC
3.80
3.30
2.91



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com