Electronic Components Datasheet Search
  English  ▼

X  

LTC2234 Datasheet(PDF) 18 Page - Linear Technology

Part # LTC2234
Description  10-Bit, 135Msps ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2234 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC2234 Datasheet HTML 14Page - Linear Technology LTC2234 Datasheet HTML 15Page - Linear Technology LTC2234 Datasheet HTML 16Page - Linear Technology LTC2234 Datasheet HTML 17Page - Linear Technology LTC2234 Datasheet HTML 18Page - Linear Technology LTC2234 Datasheet HTML 19Page - Linear Technology LTC2234 Datasheet HTML 20Page - Linear Technology LTC2234 Datasheet HTML 21Page - Linear Technology LTC2234 Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
LTC2234
18
2234fa
DIGITAL OUTPUTS
Table 1 shows the relationship between the analog input
voltage, the digital data bits and the overflow bit.
APPLICATIO S I FOR ATIO
LTC2234
2234 F13
OVDD
VDD
VDD
0.1
µF
43
Ω
TYPICAL
DATA
OUTPUT
OGND
OVDD
0.5V
TO 3.6V
PREDRIVER
LOGIC
DATA
FROM
LATCH
OE
Figure 13. Digital Output Buffer
Digital Output Buffers
Figure 13 shows an equivalent circuit for a single output
buffer. Each buffer is powered by OVDD and OGND, which
are isolated from the ADC power and ground. The addi-
tional N-channel transistor in the output driver allows
operation down to voltages as low as 0.5V. The internal
resistor in series with the output makes the output appear
as 50
Ω to external circuitry and may eliminate the need for
external damping resistors.
2234 F12a
ENC–
1.6V
VTHRESHOLD = 1.6V
ENC+
0.1
µF
LTC2234
2234 F12b
ENC–
ENC+
130
Ω
3.3V
3.3V
130
Ω
D0
Q0
Q0
MC100LVELT22
LTC2234
83
Ω
83
Ω
Figure 12a. Single-Ended ENC Drive,
Not Recommended for Low Jitter
Figure 12b. ENC Drive Using a CMOS to PECL Translator
Table 2. MODE Pin Function
Clock Duty
MODE Pin
Output Format
Cycle Stablizer
0
Offset Binary
Off
1/3VDD
Offset Binary
On
2/3VDD
2’s Complement
On
VDD
2’s Complement
Off
As with all high speed/high resolution converters, the
digital output loading can affect the performance. The
digital outputs of the LTC2234 should drive a minimal
capacitive load to avoid possible interaction between the
digital outputs and sensitive input circuitry. For full speed
operation the capacitive load should be kept under 5pF.
Lower OVDD voltages will also help reduce interference
from the digital outputs and improve the SNR.
Data Format
The LTC2234 parallel digital output can be selected for
offset binary or 2’s complement format. The format is
selected with the MODE pin. Connecting MODE to GND or
1/3VDD selects offset binary output format. Connecting
MODE to 2/3VDD or VDD selects 2’s complement output
format. An external resistor divider can be used to set the
1/3VDD or 2/3VDD logic values. Table 2 shows the logic
states for the MODE pin.
Table 1. Output Codes vs Input Voltage
AIN+ – AIN–
D9 – D0
D9 – D0
(2V Range)
OF
(Offset Binary)
(2’s Complement)
>+1.000000V
1
11 1111 1111
01 1111 1111
+0.998047V
0
11 1111 1111
01 1111 1111
+0.996094V
0
11 1111 1110
01 1111 1110
+0.001953V
0
10 0000 0001
00 0000 0001
0.000000V
0
10 0000 0000
00 0000 0000
–0.001953V
0
01 1111 1111
11 1111 1111
–0.003906V
0
01 1111 1110
11 1111 1110
–0.998047V
0
00 0000 0001
10 0000 0001
–1.000000V
0
00 0000 0000
10 0000 0000
<–1.000000V
1
00 0000 0000
10 0000 0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com