Electronic Components Datasheet Search
  English  ▼

X  

PDC0705 Datasheet(PDF) 2 Page - Superworld Electronics

Part # PDC0705
Description  SMD POWER INDUCTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

PDC0705 Datasheet(HTML) 2 Page - Superworld Electronics

  PDC0705 Datasheet HTML 1Page - Superworld Electronics PDC0705 Datasheet HTML 2Page - Superworld Electronics PDC0705 Datasheet HTML 3Page - Superworld Electronics PDC0705 Datasheet HTML 4Page - Superworld Electronics PDC0705 Datasheet HTML 5Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
6. ELECTRICAL CHARACTERISTICS :
SMD POWER INDUCTORS
PDC0705 SERIES
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 2
01.05.2008
PDC0705820KZF
PDC0705221KZF
PDC0705271KZF
PDC0705391KZF
PDC0705331KZF
PDC0705471KZF
PDC0705101KZF
PDC0705151KZF
PDC0705181KZF
PDC0705121KZF
PDC0705120MZF
PDC0705330MZF
PDC0705470KZF
PDC0705390MZF
PDC0705680KZF
PDC0705560KZF
PDC0705180MZF
PDC0705270MZF
PDC0705220MZF
PDC0705150MZF
PDC0705100MZF
Part No.
0.78
0.37
2.52M
82±10%
1V / 1K
220±10%
390±10%
470±10%
330±10%
270±10%
1V / 1K
1V / 1K
1V / 1K
1V / 1K
150±10%
180±10%
120±10%
100±10%
1V / 1K
1V / 1K
1V / 1K
1V / 1K
0.49
0.96
1.77
1.96
1.11
1.26
0.36
0.34
0.42
0.40
0.64
0.71
0.43
0.47
0.58
0.51
0.72
0.66
2.00
0.08
2.52M
12±20%
2.52M
33±20%
68±10%
56±10%
39±20%
47±10%
2.52M
2.52M
2.52M
2.52M
18±20%
27±20%
22±20%
15±20%
2.52M
2.52M
2.52M
2.52M
1.20
0.13
0.28
0.24
0.16
0.18
0.85
0.94
1.10
1.10
0.10
0.12
0.11
0.09
1.60
1.30
1.50
1.80
Inductance
10±20%
( µH )
Frequency
( Hz )
2.52M
Test
(
)
Max.
0.07
RDC
( A )
Max.
2.30
IDC



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com