Electronic Components Datasheet Search
  English  ▼

X  

PDC0735C Datasheet(PDF) 2 Page - Superworld Electronics

Part # PDC0735C
Description  SMD POWER INDUCTORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

PDC0735C Datasheet(HTML) 2 Page - Superworld Electronics

  PDC0735C Datasheet HTML 1Page - Superworld Electronics PDC0735C Datasheet HTML 2Page - Superworld Electronics PDC0735C Datasheet HTML 3Page - Superworld Electronics PDC0735C Datasheet HTML 4Page - Superworld Electronics PDC0735C Datasheet HTML 5Page - Superworld Electronics PDC0735C Datasheet HTML 6Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
PG. 2
18.04.2008
SMD Power Inductors (Lead Free)
PDC0735C SERIES
5. GENERAL SPECIFICATION :
c) Irms(A) : Will cause coil temperature to rise T<40°C
b) Ambient Temp. : 20°C
a) Test Frequency : 100KHz/0.25Vdc & 1KHz/0.25Vdc
6. ELECTRICAL CHARACTERISTICS :
PDC0735C-3R3MF
3.3 ±20%
Part No.
( µH )
Inductance
21
100K/0.25V
Frequency
Test
( Hz )
±20%
( m )
DCR
5.00
( A )
Max.
Irms
e) Operating temp. : -20°C to +85°C ( include self-temp. rise )
PDC0735C-4R7MF
4.7 ±20%
100K/0.25V
25
4.00
PDC0735C-100MF
10 ±20%
100K/0.25V
50
2.50
PDC0735C-150MF
15 ±20%
100K/0.25V
71
1.80
PDC0735C-330MF
33 ±20%
100K/0.25V
160
1.20
PDC0735C-101MF
100 ±20%
100K/0.25V
450
0.75
PDC0735C-331MF
330 ±20%
100K/0.25V
1500
0.40
PDC0735C-102MF
1000 ±20%
1K/0.25V
4300
0.13
d) Isat(A) : Will cause L to drop approximately 20%
0
0.15
0.45
0.90
1.80
2.10
3.20
5.00
Isat
Max.
( A )
6.00
7. CHARACTERISTICS CURVES :
0
1
234
5
6
DC CURRENT(A)
0
1
2
3
4
5
0
5
10
15
20
25
30
35
40
45
50
TPC0735DR-3R3
PDC0735C-3R3MF
01
234
5
DC CURRENT(A)
0
2
4
6
8
0
5
10
15
20
25
30
35
40
45
50
TPC0735DR-4R7
PDC0735C-4R7MF
NOTE : Specifications subject to change without notice. Please check our website for latest information.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com