Electronic Components Datasheet Search
  English  ▼

X  

PDC1040C Datasheet(PDF) 2 Page - Superworld Electronics

Part # PDC1040C
Description  SMD Power Inductors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

PDC1040C Datasheet(HTML) 2 Page - Superworld Electronics

  PDC1040C Datasheet HTML 1Page - Superworld Electronics PDC1040C Datasheet HTML 2Page - Superworld Electronics PDC1040C Datasheet HTML 3Page - Superworld Electronics PDC1040C Datasheet HTML 4Page - Superworld Electronics PDC1040C Datasheet HTML 5Page - Superworld Electronics PDC1040C Datasheet HTML 6Page - Superworld Electronics PDC1040C Datasheet HTML 7Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
PG. 2
18.04.2008
SMD Power Inductors (Lead Free)
PDC1040C SERIES
5. GENERAL SPECIFICATION :
c) Irms(A) : Will cause coil temperature to rise T<40°C
b) Ambient Temp. : 20°C
a) Test Frequency : 100KHz/0.25Vdc
6. ELECTRICAL CHARACTERISTICS :
PDC1040C-1R0YF
1.0 ±30%
Part No.
( µH )
Inductance
6.5
Max.
( m )
DCR
10.0
( A )
Max.
Irms
e) Operating temp. : -20°C to +105°C ( include self-temp. rise )
PDC1040C-1R5YF
1.5 ±30%
8.1
9.0
PDC1040C-2R5YF
2.5 ±30%
10.5
7.0
PDC1040C-3R8YF
3.8 ±30%
13.0
5.5
PDC1040C-4R7YF
4.7 ±30%
15.3
5.4
PDC1040C-5R2YF
5.2 ±30%
22.0
5.0
PDC1040C-7R0YF
7.0 ±30%
27.0
4.5
PDC1040C-100MF
10 ±20%
35.0
4.0
d) Isat(A) : Will cause L to drop approximately 30%
0
4.4
4.8
5.5
5.6
6.0
7.5
10.0
Isat
Max.
( A )
11.0
3.6
3.2
50.0
15 ±20%
PDC1040C-150MF
PDC1040C-330MF
33 ±20%
93.0
2.2
2.3
2.9
2.6
73.0
22 ±20%
PDC1040C-220MF
NOTE : Specifications subject to change without notice. Please check our website for latest information.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com