Electronic Components Datasheet Search
  English  ▼

X  

SDB1507331MZF Datasheet(PDF) 2 Page - Superworld Electronics

Part # SDB1507331MZF
Description  SMD POWER INDUCTORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SDB1507331MZF Datasheet(HTML) 2 Page - Superworld Electronics

  SDB1507331MZF Datasheet HTML 1Page - Superworld Electronics SDB1507331MZF Datasheet HTML 2Page - Superworld Electronics SDB1507331MZF Datasheet HTML 3Page - Superworld Electronics SDB1507331MZF Datasheet HTML 4Page - Superworld Electronics SDB1507331MZF Datasheet HTML 5Page - Superworld Electronics SDB1507331MZF Datasheet HTML 6Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
6. ELECTRICAL CHARACTERISTICS :
SMD POWER INDUCTORS
SDB1507 SERIES
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 2
05.05.2008
220±20%
SDB1507221MZF
SDB1507102MZF
SDB1507681MZF
1000±20%
680±20%
SDB1507471MZF
SDB1507331MZF
470±20%
330±20%
68±20%
SDB1507680MZF
SDB1507151MZF
SDB1507101MZF
150±20%
100±20%
SDB1507470MZF
SDB1507330MZF
47±20%
33±20%
320
4.0
1.15
1V/100K
65
1V/100K
1V/100K
90
100
1.9
2.3
1V/100K
1V/100K
90
80
2.5
3.0
1500
1100
0.55
0.65
750
500
0.75
0.90
6.5
50
1V/100K
1V/100K
1V/100K
60
70
5.0
5.5
1V/100K
1V/100K
45
55
8.5
10.0
115
2.00
220
180
1.35
1.70
80
60
2.45
2.80
SDB1507150MZF
SDB1507220MZF
SDB1507100MZF
15±20%
22±20%
10±20%
Part No.
Inductance
( µH )
( MHz )
1V/100K
1V/100K
1V/100K
55
45
70
17.0
15.0
20.0
( Hz )
Test
Frequency
Q
Ref.
SRF
Typ.
35
45
30
3.60
3.15
4.00
RDC
( m )
Max.
IDC
( A )



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com