Electronic Components Datasheet Search
  English  ▼

X  

SDL0806P Datasheet(PDF) 1 Page - Superworld Electronics

Part # SDL0806P
Description  HIGH CURRENT POWER INDUCTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SDL0806P Datasheet(HTML) 1 Page - Superworld Electronics

  SDL0806P Datasheet HTML 1Page - Superworld Electronics SDL0806P Datasheet HTML 2Page - Superworld Electronics SDL0806P Datasheet HTML 3Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
S D L 0 8 0 6 P - R 4 7 M F
(a)
(c)
(b)
(e)
(d)
1. PART NO. EXPRESSION :
(b) Dimension code
(c) Inductance code : R47 = 0.47uH
(a) Series code
2. CONFIGURATION & DIMENSIONS :
4. MATERIALS :
SUPERWORLD ELECTRONICS (S) PTE LTD
(a) Core : Iron Powder R Core
(c) Wire : Enamelled Copper Wire
3. SCHEMATIC :
(d) Tolerance code : M = ±20%
(e) F : Lead Free
SDL0806P SERIES
PG. 1
NOTE : Specifications subject to change without notice. Please check our website for latest information.
05.05.2008
(b) Core : Iron Powder RI Core
b) Irms(A) : Will cause temperature rise approximately 40°C without core loss
a) Ambient temp. : 25°C
5. GENERAL SPECIFICATION :
b
a
e
c
d
(e) Terminal : Tinned Copper Plate
(d) Adhesive : Epoxy
c) Isat(A) : Will cause L to drop approximately 20%
0
HIGH CURRENT POWER INDUCTORS
F
E2
E1
E
D
C
B
A
Part No.
SDL0806P-1R0MF
SDL0806P-R80MF
SDL0806P-R60MF
SDL0806P-R47MF
8.2 Max.
8.2 Max.
8.2 Max.
8.2 Max.
6.0 Max.
6.0 Max.
6.0 Max.
6.0 Max.
3.5±0.5
3.5±0.5
3.5±0.5
3.5±0.5
8.2 Max.
8.2 Max.
8.2 Max.
8.2 Max.
6.3±0.5
6.3±0.5
6.2±0.5
6.3±0.5
4.5±0.5
4.4±0.5
4.5±0.5
4.5±0.5
0.9±0.1
0.8±0.1
0.7±0.1
0.9±0.1
4.4±0.5
4.3±0.5
4.5±0.5
4.4±0.5
F+0.3
E1
9.0
PCB Pattern
D
B
E1
mm
C
mm
mm
mm
mm
mm
mm
mm


Similar Part No. - SDL0806P

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SDL0806P-1R0MF SUPERWORLD-SDL0806P-1R0MF Datasheet
624Kb / 4P
HIGH CURRENT POWER INDUCTORS
SDL0806P-R47MF SUPERWORLD-SDL0806P-R47MF_16 Datasheet
624Kb / 4P
HIGH CURRENT POWER INDUCTORS
SDL0806P-R60MF SUPERWORLD-SDL0806P-R60MF Datasheet
624Kb / 4P
HIGH CURRENT POWER INDUCTORS
SDL0806P-R80MF SUPERWORLD-SDL0806P-R80MF Datasheet
624Kb / 4P
HIGH CURRENT POWER INDUCTORS
More results

Similar Description - SDL0806P

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SSL0705M SUPERWORLD-SSL0705M Datasheet
249Kb / 6P
HIGH CURRENT POWER INDUCTORS
SSL1005M SUPERWORLD-SSL1005M Datasheet
278Kb / 7P
HIGH CURRENT POWER INDUCTORS
SSL1308M SUPERWORLD-SSL1308M Datasheet
273Kb / 7P
HIGH CURRENT POWER INDUCTORS
logo
Eaton All Rights Reserv...
HC9 EATON-HC9 Datasheet
441Kb / 4P
High current power inductors
FPV1006 EATON-FPV1006 Datasheet
259Kb / 4P
High current power inductors
HCM0503 EATON-HCM0503 Datasheet
296Kb / 7P
High current power inductors
HCM1305 EATON-HCM1305 Datasheet
658Kb / 9P
High current power inductors
HCV1707 EATON-HCV1707 Datasheet
294Kb / 5P
High current power inductors
HCP0805 EATON-HCP0805 Datasheet
444Kb / 5P
High current power inductors
HCM1707 EATON-HCM1707 Datasheet
1Mb / 7P
High current power inductors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com