Electronic Components Datasheet Search
  English  ▼

X  

AND5BB Datasheet(PDF) 2 Page - Purdy Electronics Corporation

Part # AND5BB
Description  InGaN Ultra Bright Blue Light Emission Surface Mount Package
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PURDY [Purdy Electronics Corporation]
Direct Link  http://www.purdyelectronics.com
Logo PURDY - Purdy Electronics Corporation

AND5BB Datasheet(HTML) 2 Page - Purdy Electronics Corporation

  AND5BB Datasheet HTML 1Page - Purdy Electronics Corporation AND5BB Datasheet HTML 2Page - Purdy Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
AND5BB
InGaN Ultra Bright Blue Light Emission Surface Mount Package
Ultra Bright LED
Purdy Electronics Corporation • 720 Palomar Avenue • Sunnyvale, CA 94085
Tel: 408.523.8200 • Fax: 408.733.1287 • sales@purdyelectronics.com
06-01-02
www.purdyelectronics.com
-20
0
20
40
60
80
1
10
100
1000
IV — TC
Case Temperature TC (°C)
IF — Ta
Ambient Temperature Ta (°C)
0
20
40
60
80
100
0
10
20
30
40
390
430
470
510
550
590
0
0.2
0.4
0.6
0.8
1.0
Relative Luminous Intensity — Wavelength
Wavelength
λ (nm)
IF = 20 mA
Ta = 25°C
Radiation Pattern
Ta = 25°C
90°
80°
70°
60°
50°
40°
30°
20°
10°
0°
10°
20°
30°
40°
50°
60°
70°
80°
90°
0.2
00.4
0.8
0.6
Forward Current IF (mA)
10
100
1000
IV — IF
Ta = 25°C
1.8
2.4
3.0
3.6
4.2
4.8
5.4
6.0
0
10
20
30
40
50
IF — VF
Forward Voltage VF (V)
Ta = 25°C
1
10
100



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com