Electronic Components Datasheet Search
  English  ▼

X  

AND5OA Datasheet(PDF) 1 Page - Purdy Electronics Corporation

Part # AND5OA
Description  InGaAIP Ultra Bright Orange Light Emission Surface Mount Package
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PURDY [Purdy Electronics Corporation]
Direct Link  http://www.purdyelectronics.com
Logo PURDY - Purdy Electronics Corporation

AND5OA Datasheet(HTML) 1 Page - Purdy Electronics Corporation

  AND5OA Datasheet HTML 1Page - Purdy Electronics Corporation AND5OA Datasheet HTML 2Page - Purdy Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Purdy Electronics Corporation • 720 Palomar Avenue • Sunnyvale, CA 94085
Tel: 408.523.8200 • Fax: 408.733.1287 • sales@purdyelectronics.com
www.purdyelectronics.com
6/12/07
AND5OA
Ultra Bright LED Lamps
Precaution
Please be careful of the following:
1. Manual soldering: maximum temperature of iron tip: 260°C max.
Soldering time: within 5 sec. per solder-land
Soldering portion of lead: up to 1.6 mm from the body of the device
2. Reflow solder: recommended condition is as follows:
Electro-Optical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Minimum
Typical
Maximum
Unit
Forward Voltage
VF
IF = 20 mA
–2.1
2.8
V
Reverse Current
IR
VR = 4 V
–
–
100
µA
Luminous Intensity
IV
IF = 20 mA
490
750
–
mcd
Peak Emission Wavelength
lP
IF = 20 mA
–
620
–
nm
Spectral Line Half Width
∆λ
IF = 20 mA
–18–
nm
Dominant Wavelength
λd
IF = 20 mA
–
615
–
nm
Full Viewing Angle
θ
IV = 1/2 Peak
–
30
–
degree
more than 2 min.
230
°C max.
140 - 160
°C
10 sec. max.
Time
4
°C/sec.
max.
2.5
2.0
2.5
Reflow
The following soldering patterns are
recommended for reflow soldering
Weight: 2.0
Unit: mm
Cathode Index
2.4±0.1
0.5±0.1
2.5±0.2
Polarity
0.5±0.1
R0.9±0.1
AND5OA
InGaAIP Ultra Bright Orange Light
Emission
Surface Mount Package
Features
• Small package size with dome lens
• 3.2 (l) x 2.4 (w) x 2.6 (h) size
• Suitable for REFLOW soldering
• Recommended Forward Current: 10 mA
Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Forward Current
IF
30
mA
Reverse Voltage
VR
4V
Power Dissipation
PD
100
mW
Operating Temperature Range
TOpr
-30 to 85
°C
Storage Temperature Range
TStg
-30to 90
°C
Product specifications contained herein may be
changed without prior notice. It is therefore
advisable to contact Purdy Electronics before
proceeding with the design of equipment
incorporating this product.
• RoHS Compliant


Similar Part No. - AND5OA

ManufacturerPart #DatasheetDescription
logo
Purdy Electronics Corpo...
AND501GST PURDY-AND501GST Datasheet
132Kb / 2P
20 Characters x 2 Lines Intelligent Alphanumeric Displays
AND501GST PURDY-AND501GST Datasheet
396Kb / 4P
Liquid Crystal Displays
AND501GST PURDY-AND501GST Datasheet
396Kb / 4P
Liquid Crystal Displays
logo
List of Unclassifed Man...
AND501GST ETC2-AND501GST Datasheet
97Kb / 3P
Color Displays - (Prototype Kits Available for All Displays)
logo
Purdy Electronics Corpo...
AND501GST-LED PURDY-AND501GST-LED Datasheet
396Kb / 4P
Liquid Crystal Displays
More results

Similar Description - AND5OA

ManufacturerPart #DatasheetDescription
logo
Purdy Electronics Corpo...
AND4BA PURDY-AND4BA Datasheet
61Kb / 2P
GaN Ultra Bright Blue Light Emission Surface Mount Package
AND4GA PURDY-AND4GA Datasheet
83Kb / 2P
GaP Ultra Bright Green Light Emission Surface Mount Package
AND4OA PURDY-AND4OA Datasheet
51Kb / 2P
InGaAlP Ultra Bright Orange Light Emission Surface Mount Package
AND4WA PURDY-AND4WA Datasheet
215Kb / 2P
InGaN Ultra Bright White Light Emission Surface Mount Package
AND5BA PURDY-AND5BA Datasheet
61Kb / 2P
GaN Ultra Bright Blue Light Emission Surface Mount Package
AND5BB PURDY-AND5BB Datasheet
97Kb / 2P
InGaN Ultra Bright Blue Light Emission Surface Mount Package
AND5G PURDY-AND5G Datasheet
54Kb / 2P
GaP Ultra Bright Green Light Emission Surface Mount Package
AND5GA PURDY-AND5GA Datasheet
51Kb / 2P
GaP Ultra Bright Green Light Emission Surface Mount Package
AND5RA PURDY-AND5RA Datasheet
51Kb / 2P
GaAlAs Ultra Bright Red Light Emission Surface Mount Package
AND7RA PURDY-AND7RA Datasheet
126Kb / 4P
InGaAIP Ultra Bright Red Light Low Profile Surface Mount Package
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com