Electronic Components Datasheet Search
  English  ▼

X  

AND6BD Datasheet(PDF) 1 Page - Purdy Electronics Corporation

Part # AND6BD
Description  InGaN Ultra Bright Blue TOP LEDs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PURDY [Purdy Electronics Corporation]
Direct Link  http://www.purdyelectronics.com
Logo PURDY - Purdy Electronics Corporation

AND6BD Datasheet(HTML) 1 Page - Purdy Electronics Corporation

  AND6BD Datasheet HTML 1Page - Purdy Electronics Corporation AND6BD Datasheet HTML 2Page - Purdy Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Purdy Electronics Corporation • 720 Palomar Avenue • Sunnyvale, CA 94085
Tel: 408.523.8200 • Fax: 408.733.1287 • sales@purdyelectronics.com
7/18/07
www.purdyelectronics.com
AND6BD
Ultra Bright LED Lamps
Weight: 2.0 mg
Unit: mm
AND6BD
InGaN Ultra Bright Blue TOP LEDs
Features
• P-LCC-2 package with optical indicator
• Compatible with automatic placement equipment
• Suitable for infrared reflow, vapor phase reflow, and
wave solder processes
• Wide viewing angle
• Low (2mA) current operation
• Inter reflector
• Ideal for (LCD) backlight and pipe applications
• Pb-Free, RoHS
Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Forward Current
IF
30
mA
Reverse Voltage
VR
5V
Power Dissipation
PD
130
mW
Operating Temp. Range
TOpr
-40 to 85
°C
Storage Temp. Range
TStg
-40 to 100
°C
Electrostatic Discharge
ESD
1000
V
Peak Forward Current
(Duty 1/10 @ 1Khz)
IFP
100
mA
Precaution
Please be careful of the following:
1. Manual soldering: maximum temperature of iron tip: 260°C max.
Soldering time: within 5 sec. per solder-land
Soldering portion of lead: up to 1.6 mm from the body of the device
2. Reflow solder: recommended condition is as follows:
Electro-Optical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Minimum
Typical
Maximum
Unit
Forward Voltage
VF
IF = 20 mA
2.7
3.2
3.7
V
Reverse Current
IR
VR = 5 V
–
–
50
µA
Luminous Intensity
IV
IF = 20 mA
90
135
180
mcd
Peak Emission Wavelength
lP
IF = 20 mA
–
468
–
nm
Spectral Line Half Width
∆l
IF = 20 mA
–26–
nm
Dominant Wavelength
ld
IF = 20 mA
–
470
–
nm
Full Viewing Angle
2
θ 1/2
IF = 20 mA
–
120
–
degree
more than 2 min.
230
°C max.
140 - 160
°C
10 sec. max.
Time
4
°C/sec.
max.
3. Absolute secure counter measures against
static electricity and surge should be taken
when handling these proucts. It is
recommended to use wrist band or antistatic
gloves when handling these LEDs.
Product specifications contained herein may be changed
without prior notice. It is therefore advisable to contact
Purdy Electronics before proceeding with the design of
equipment incorporating this product.
• RoHS Compliant


Similar Part No. - AND6BD

ManufacturerPart #DatasheetDescription
logo
Purdy Electronics Corpo...
AND6BA PURDY-AND6BA Datasheet
66Kb / 2P
GaN Ultra Bright Blue Light Emission Surface Mount Pkg
AND6BC PURDY-AND6BC Datasheet
126Kb / 2P
InGaN Ultra Bright Blue TOP LEDs
More results

Similar Description - AND6BD

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
LC307PBL1-30Q-A3 MARKTECH-LC307PBL1-30Q-A3 Datasheet
42Kb / 2P
InGaN Blue Ultra Bright 3mm LED
LP379PBL1-C0G MARKTECH-LP379PBL1-C0G Datasheet
57Kb / 2P
P4 InGaN Blue Ultra Bright LED
LC503PBL1-15Q MARKTECH-LC503PBL1-15Q Datasheet
209Kb / 2P
5mm Blue InGaN Ultra Bright LED
LC503QBL1-15G-A MARKTECH-LC503QBL1-15G-A Datasheet
344Kb / 2P
5mm Blue InGaN Ultra Bright LED
LC503QBL1-15H-A MARKTECH-LC503QBL1-15H-A Datasheet
357Kb / 2P
5mm Blue InGaN Ultra Bright LED
logo
Purdy Electronics Corpo...
AND4BC PURDY-AND4BC Datasheet
64Kb / 2P
InGaN Ultra Bright Blue Chip LEDs
AND4BRB PURDY-AND4BRB Datasheet
65Kb / 2P
InGaN Ultra Bright Blue Chip LEDs with Right Angle Lens
AND6BC PURDY-AND6BC Datasheet
126Kb / 2P
InGaN Ultra Bright Blue TOP LEDs
AND6GA PURDY-AND6GA Datasheet
65Kb / 2P
InGaN Ultra Bright Green Top LEDS
logo
Marktech Corporate
LC503QBL1-30H MARKTECH-LC503QBL1-30H Datasheet
209Kb / 2P
5mm Blue InGaN Ultra Bright LED
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com