Electronic Components Datasheet Search
  English  ▼

X  

CBT3861 Datasheet(PDF) 1 Page - Texas Instruments

Part # CBT3861
Description  10-BIT FET BUS SWITCH
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CBT3861 Datasheet(HTML) 1 Page - Texas Instruments

  CBT3861 Datasheet HTML 1Page - Texas Instruments CBT3861 Datasheet HTML 2Page - Texas Instruments CBT3861 Datasheet HTML 3Page - Texas Instruments CBT3861 Datasheet HTML 4Page - Texas Instruments CBT3861 Datasheet HTML 5Page - Texas Instruments CBT3861 Datasheet HTML 6Page - Texas Instruments CBT3861 Datasheet HTML 7Page - Texas Instruments CBT3861 Datasheet HTML 8Page - Texas Instruments CBT3861 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
SN74CBT3861
10-BIT FET BUS SWITCH
SCDS061D – APRIL 1998 – REVISED OCTOBER 2000
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D 5-Ω Switch Connection Between Two Ports
D TTL-Compatible Input Levels
D Latch-Up Performance Exceeds 250 mA Per
JESD 17
description
The
SN74CBT3861
provides
ten
bits
of
high-speed TTL-compatible bus switching. The
low on-state resistance of the switch allows
connections to be made with minimal propagation
delay.
The device is organized as one 10-bit switch with
a single output-enable (OE) input. When OE is
low, the switch is on, and port A is connected to
port B. When OE is high, the switch is open, and
the high-impedance state exists between the two
ports.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
SOIC
DW
Tube
SN74CBT3861DW
CBT3861
SOIC – DW
Tape and reel
SN74CBT3861DWR
CBT3861
–40
°C to 85°C
SSOP (QSOP) – DBQ
Tape and reel
SN74CBT3861DBQR
CBT3861
TSSOP – PW
Tape and reel
SN74CBT3861PWR
CU861
TVSOP – DGV
Tape and reel
SN74CBT3861DGVR
CU861
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are
available at www.ti.com/sc/package.
FUNCTION TABLE
INPUT
OE
FUNCTION
L
A port = B port
H
Disconnect
logic diagram (positive logic)
A1
B1
A10
B10
OE
2
11
23
22
13
Copyright
© 2000, Texas Instruments Incorporated
DBQ, DGV, DW, OR PW PACKAGE
(TOP VIEW)
NC
A1
A2
A3
A4
A5
A6
A7
A8
A9
A10
GND
VCC
OE
B1
B2
B3
B4
B5
B6
B7
B8
B9
B10
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
NC – No internal connection
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - CBT3861

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CBT3861 NXP-CBT3861 Datasheet
316Kb / 14P
10-bit bus switch with output enable
Rev. 1-19 August 2010
logo
Nexperia B.V. All right...
CBT3861 NEXPERIA-CBT3861 Datasheet
208Kb / 10P
10-bit bus switch with output enable
Rev. 4 - 6 March 2019
logo
NXP Semiconductors
CBT3861BQ NXP-CBT3861BQ Datasheet
316Kb / 14P
10-bit bus switch with output enable
Rev. 1-19 August 2010
logo
Nexperia B.V. All right...
CBT3861BQ NEXPERIA-CBT3861BQ Datasheet
208Kb / 10P
10-bit bus switch with output enable
Rev. 4 - 6 March 2019
logo
NXP Semiconductors
CBT3861DK NXP-CBT3861DK Datasheet
316Kb / 14P
10-bit bus switch with output enable
Rev. 1-19 August 2010
More results

Similar Description - CBT3861

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CBT3384A TI-SN74CBT3384A Datasheet
65Kb / 4P
10-BIT FET BUS SWITCH
SN74CBTLV3384 TI-SN74CBTLV3384 Datasheet
227Kb / 9P
LOW-VOLTAGE 10-BIT FET BUS SWITCH
SN74CB3Q3384A TI-SN74CB3Q3384A Datasheet
179Kb / 10P
10 BIT FET BUS SWITCH
SN74CBT3384ADGVR TI-SN74CBT3384ADGVR Datasheet
305Kb / 12P
10-BIT FET BUS SWITCH
SN74CBT3384A TI-SN74CBT3384A_06 Datasheet
296Kb / 12P
10-BIT FET BUS SWITCH
SN74CBTLV3861-Q1 TI-SN74CBTLV3861-Q1 Datasheet
123Kb / 7P
LOW-VOLTAGE 10-BIT FET BUS SWITCH
SN74CBTLV3384 TI-SN74CBTLV3384_07 Datasheet
227Kb / 9P
LOW-VOLTAGE 10-BIT FET BUS SWITCH
SN74CBTLV3861 TI-SN74CBTLV3861_07 Datasheet
493Kb / 14P
LOW-VOLTAGE 10-BIT FET BUS SWITCH
logo
Renesas Technology Corp
HD74CBT3384A RENESAS-HD74CBT3384A Datasheet
228Kb / 12P
10-bit FET Bus Switch
logo
Texas Instruments
SN74CBT3384A TI-SN74CBT3384A_07 Datasheet
522Kb / 15P
10-BIT FET BUS SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com