Electronic Components Datasheet Search
  English  ▼

X  

SSB0602 Datasheet(PDF) 2 Page - Superworld Electronics

Part # SSB0602
Description  SMD POWER INDUCTORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SSB0602 Datasheet(HTML) 2 Page - Superworld Electronics

  SSB0602 Datasheet HTML 1Page - Superworld Electronics SSB0602 Datasheet HTML 2Page - Superworld Electronics SSB0602 Datasheet HTML 3Page - Superworld Electronics SSB0602 Datasheet HTML 4Page - Superworld Electronics SSB0602 Datasheet HTML 5Page - Superworld Electronics SSB0602 Datasheet HTML 6Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
6. ELECTRICAL CHARACTERISTICS :
SMD POWER INDUCTORS
SSB0602 SERIES
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 2
18.04.2008
2.00
1.35
1.10
1.60
0.75
0.50
0.65
0.30
0.25
0.40
0.95
0.18
0.13
0.16
0.09
0.11
0.20
10000
SSB0602681MZF
680.0±20%
1V / 100K
SSB0602102MZF
1000.0±20%
1V / 100K
15500
SSB06022R2MZF
SSB06024R7MZF
SSB06026R8MZF
SSB06023R3MZF
SSB0602150MZF
SSB0602330MZF
SSB0602220MZF
SSB0602680MZF
SSB0602101MZF
SSB0602470MZF
SSB0602100MZF
SSB0602221MZF
SSB0602471MZF
SSB0602331MZF
SSB0602151MZF
150.0±20%
330.0±20%
470.0±20%
220.0±20%
68.0±20%
100.0±20%
47.0±20%
2300
1V / 100K
1V / 100K
1V / 100K
1V / 100K
4800
7200
3200
1V / 100K
1V / 100K
1V / 100K
870
1500
650
22.0±20%
33.0±20%
15.0±20%
10.0±20%
6.8±20%
4.7±20%
2.2±20%
3.3±20%
1V / 100K
1V / 100K
1V / 100K
1V / 100K
480
330
240
170
1V / 100K
1V / 100K
1V / 100K
1V / 100K
85
120
45
70
IDC
Max.
( A )
2.50
2.30
SSB06021R0MZF
SSB06021R5MZF
Part No.
1.0±20%
1.5±20%
Inductance
( µH )
RDC
1V / 100K
1V / 100K
30
35
( m )
Max.
( Hz )
Frequency
Test



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com