Electronic Components Datasheet Search
  English  ▼

X  

SSB0603 Datasheet(PDF) 2 Page - Superworld Electronics

Part # SSB0603
Description  SMD POWER INDUCTORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SSB0603 Datasheet(HTML) 2 Page - Superworld Electronics

  SSB0603 Datasheet HTML 1Page - Superworld Electronics SSB0603 Datasheet HTML 2Page - Superworld Electronics SSB0603 Datasheet HTML 3Page - Superworld Electronics SSB0603 Datasheet HTML 4Page - Superworld Electronics SSB0603 Datasheet HTML 5Page - Superworld Electronics SSB0603 Datasheet HTML 6Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
6. ELECTRICAL CHARACTERISTICS :
SMD POWER INDUCTORS
SSB0603 SERIES
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 2
18.04.2008
SSB0603820MZF
82.0±20%
18.0±20%
SSB0603180MZF
39.0±20%
SSB0603390MZF
SSB0603680MZF
SSB0603560MZF
SSB0603470MZF
68.0±20%
56.0±20%
47.0±20%
SSB0603270MZF
SSB0603330MZF
SSB0603220MZF
27.0±20%
33.0±20%
22.0±20%
6.8±20%
SSB06036R8MZF
SSB0603120MZF
SSB0603150MZF
SSB0603100MZF
12.0±20%
15.0±20%
10.0±20%
SSB06034R7MZF
SSB06032R2MZF
SSB06033R3MZF
4.7±20%
2.2±20%
3.3±20%
SSB06031R0MZF
SSB06031R5MZF
Part No.
1.0±20%
1.5±20%
Inductance
( µH )
1V / 100K
50
13.0
900
0.40
160
35.0
0.75
1V / 100K
35
45
20.0
1V / 100K
1V / 100K
1V / 100K
1V / 100K
50
45
45
14.0
17.0
19.0
1V / 100K
1V / 100K
1V / 100K
40
45
40
24.0
22.0
26.0
380
0.52
620
570
0.45
0.48
420
0.50
250
0.60
340
0.55
230
0.65
55.0
1V / 100K
35
1V / 100K
1V / 100K
1V / 100K
40
35
40
40.0
38.0
45.0
1V / 100K
1V / 100K
1V / 100K
35
35
35
65.0
100.0
85.0
70
1.20
130
0.90
150
0.80
120
1.00
60
1.30
50
32
1.90
1.50
Test
SRF
Frequency
( Hz )
1V / 100K
1V / 100K
30
30
Q
Ref.
190.0
140.0
( MHz )
Typ.
IDC
RDC
Max.
19
2.40
25
2.20
( m )
Max.
( A )
0.15
5350
1V / 100K
4.8
560.0±20%
55
SSB0603561MZF
4.5
4.0
3.5
680.0±20%
820.0±20%
1000.0±20%
SSB0603681MZF
SSB0603821MZF
SSB0603102MZF
55
55
55
1V / 100K
1V / 100K
1V / 100K
8200
9200
6300
0.13
0.12
0.14
9.0
7.5
8.0
6.0
5.0
5.5
7.0
150.0±20%
220.0±20%
180.0±20%
330.0±20%
470.0±20%
390.0±20%
270.0±20%
SSB0603271MZF
SSB0603331MZF
SSB0603391MZF
SSB0603471MZF
SSB0603151MZF
SSB0603181MZF
SSB0603221MZF
55
1V / 100K
55
55
55
1V / 100K
1V / 100K
1V / 100K
55
55
50
1V / 100K
1V / 100K
1V / 100K
100.0±20%
120.0±20%
SSB0603101MZF
SSB0603121MZF
50
50
1V / 100K
1V / 100K
0.20
2500
3500
4950
3200
0.17
0.16
0.18
1950
2200
1750
0.26
0.22
0.28
1150
990
0.35
0.30
12.0
11.0



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com