Electronic Components Datasheet Search
  English  ▼

X  

45481 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 45481
Description  Modular Plug and Socket Configured Assemblies
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

45481 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  45481 Datasheet HTML 1Page - Molex Electronics Ltd. 45481 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Mounting, Spacer and Guide Modules
Flange Modules
Spacer Modules
(without contacts)
PD500
Left Flange Mount
PD511
Vertical or Right Angle 250 V Spacer
PD501
Right Flange Mount
PD513
Vertical or Right Angle 600 V Spacer
Guide Modules
PD502
Passive Vertical Guide Socket
PD507
Passive Right Angle Guide Pin
PD506 Passive
PD516 Active
Right Angle Guide Sockets
Signal Modules (Vertical)
Signal Modules (Right Angle)
Fax to Molex at 630-512-8620
Molex Power Dock™ Connector
Assembly Design Form
Americas Headquarters
Lisle, Illinois 60532 U.S.A.
1-800-78MOLEX
amerinfo@molex.com
Far East North Headquarters
Yamato, Kanagawa, Japan
81-462-65-2324
feninfo@molex.com
Far East South Headquarters
Jurong, Singapore
65-6-268-6868
fesinfo@molex.com
European Headquarters
Munich, Germany
49-89-413092-0
eurinfo@molex.com
Corporate Headquarters
2222 Wellington Ct.
Lisle, IL 60532 U.S.A.
630-969-4550
Company
Location
Contact Name
Title
Telephone
(
)
Fax
(
)
Signature
Email Address
Date
Quantity Required
Use this form to configure a Power Dock connector. Simply follow the step-by-step
instructions below and fax this form to 630-512-8620. Once Molex has received
this form, a drawing will be created and sent to you for final approval.
STEP 1
STEP 2
Place your chosen module numbers in
the boxes at right (left to right) with the
mating side facing. For right angle
modules, the tails are to face downward.
Place an “X” for the board thickness or
solder tail length of each assembly. Place an
“X” for retentive feature (see right for more
information).
Choose from the following modules to create an assembly.
Solder Terminated Modules
250V Power Modules (Vertical)
250V Power Modules (Right Angle)
PD100
Socket
PD101
Standard
PD102
Pre-mate
PD103
Post-mate
PD105
Standard
PD106
Pre-mate
PD107
Post-mate
600V Power Modules (Vertical)
600V Power Modules (Right Angle)
PD116
Socket
PD117
Standard
PD118
Pre-mate
PD119
Post-mate
PD121
Standard
PD122
Pre-mate
PD123
Post-mate
Board Thickness
1.57mm (.062")
2.36mm (.093")
3.17mm (.125")
Retentive
Feature
Solder Tail Length
2.92mm (.115")
3.60mm (.143")
4.50mm (.177")
First Assembly
Mating Assembly
PD
PD
PD
PD
PD
PD
PD
PD
PD
PD
PD
PD
PD
PD
PD
PD
PD
PD
PD
PD
PD
PD
PD
PD
PD
PD
PD
PD
Mating
Assembly
First
Assembly
Press-Fit Terminated Modules For 2.36mm (.093") or greater board thickness
250V Power Modules (Vertical)
PD200
Socket
PD201
Standard
PD202
Pre-mate
PD203
Post-mate
600V Power Modules (Vertical)
PD216
Socket
PD217
Standard
PD218
Pre-mate
PD219
Post-mate
Signal Modules (Vertical)
PD401
24 Pin Socket
PD400
24 Pin
PD413
6 Pin Socket
PD412
6 Pin
PD302
24 Pin Standard
PD314
6 Pin Standard
PD301 24 Pin Socket
PD300 24 Pin Standard
PD313
6 Pin Socket
PD312
6 Pin Standard
PD503 Passive
PD515 Active, M3 Threads
PD517 Active, 4-40 Threads
Vertical Guide Pins
Power Module with
retentive feature
STEP 3 - (Use for Solder Modules Only)
Order No. USA-196 Rev. 1
Printed in USA/2K/JI/JI/2005.07
©2005, Molex
Visit the Power Dock configurator website at www.power-dock.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com