Electronic Components Datasheet Search
  English  ▼

X  

WM5128 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # WM5128
Description  ServiceGrade??Economy Cable Tie Tool
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

WM5128 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  WM5128 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ServiceGrade™
Economy Cable Tie Tool
19294-0002
The Molex ServiceGrade economy cable tie tool is the
tool of choice for electrical contractors, technicians and
repairmen. The sturdy construction and light weight
make it the perfect companion.
n
All metal construction for durability and extended
life
n
Tool is adjustable for wire tie tension for 18 to 50
lb. ties
n
Lightweight and small handle spread which makes it
ideal for all users
n
This tool is safe and effective as it will eliminate
sharp edges on cut ties
n
Ejects the cut-off portion of the wire tie with one
stroke of the toolMechanical Information
Mechanical Information
Weight: Gross —12.0 oz (0.75 lbs.)
Unpacked —10.4 oz (0.65 lbs.)
Order No.
Used With
Cable Ties from 2.20 to 4.80mm (.087 to .189”) in width and from18 to 50 lb. ties
19294-0002
FEATURES AND SPECIFICATIONS
Americas Headquarters
Lisle, Illinois 60532 U.S.A.
1-800-78MOLEX
amerinfo@molex.com
Far East North Headquarters
Yamato, Kanagawa, Japan
81-462-65-2324
feninfo@molex.com
Far East South Headquarters
Jurong, Singapore
65-6-268-6868
fesinfo@molex.com
European Headquarters
Munich, Germany
49-89-413092-0
eurinfo@molex.com
Corporate Headquarters
2222 Wellington Ct.
Lisle, IL 60532 U.S.A.
630-969-4550
Fax:630-969-1352
Visit our website at www.molex.com
Order No. USA-312
Printed in USA/500/JI/JI/2006.05
©2006, Molex
ORDERING INFORMATION


Similar Part No. - WM5128

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM5102 WOLFSON-WM5102 Datasheet
3Mb / 334P
Audio Hub CODEC with Voice Processor DSP
More results

Similar Description - WM5128

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
561-N3000 ETC2-561-N3000 Datasheet
131Kb / 2P
Cable Tie Tensioning Tool
logo
Molex Electronics Ltd.
19294-0002 MOLEX11-19294-0002 Datasheet
29Kb / 1P
Economy Cable Tie Tool
0640160035 MOLEX11-0640160035 Datasheet
36Kb / 1P
ServiceGrade Hand Crimp Tool
0640160036 MOLEX11-0640160036 Datasheet
37Kb / 1P
ServiceGrade Hand Crimp Tool
0640160041 MOLEX11-0640160041 Datasheet
37Kb / 1P
ServiceGrade Hand Crimp Tool - Ratchet
0640160042 MOLEX11-0640160042 Datasheet
37Kb / 1P
ServiceGrade Hand Crimp Tool - Ratchet
0640160044 MOLEX11-0640160044 Datasheet
37Kb / 1P
ServiceGrade Hand Crimp Tool - Ratchet
logo
PHOENIX CONTACT
1212475 PHOENIX-1212475 Datasheet
44Kb / 2P
Cable tie tool - UNIFOX-CT 4,8
1212609 PHOENIX-1212609 Datasheet
53Kb / 2P
Cable tie tool - UNIFOX-CT 4,8P
logo
Lapp.
62120321 LAPP-62120321 Datasheet
101Kb / 1P
Cable Tie Tool BASIC
02.05.2018
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com