Electronic Components Datasheet Search
  English  ▼

X  

AND157HGP Datasheet(PDF) 1 Page - Purdy Electronics Corporation

Part # AND157HGP
Description  Ultra Bright LED Lamps
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PURDY [Purdy Electronics Corporation]
Direct Link  http://www.purdyelectronics.com
Logo PURDY - Purdy Electronics Corporation

AND157HGP Datasheet(HTML) 1 Page - Purdy Electronics Corporation

  AND157HGP Datasheet HTML 1Page - Purdy Electronics Corporation AND157HGP Datasheet HTML 2Page - Purdy Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Purdy Electronics Corporation • 720 Palomar Avenue • Sunnyvale, CA 94085
Tel: 408.523.8200 • Fax: 408.733.1287 • sales@purdyelectronics.com • www.purdyelectronics.com
7/18/07
AND157HGP
Ultra Bright LED Lamps
Package Dimensions
Unit: mm
5.0 ± 0.2
0.5
2.54
Anode
Cathode
1
2
AND157HGP
InGaAIP High Brightness Green Light
Emission
5mm (T1-3/4) Package
Features
• RoHS Compliant
• High efficiency
• Viewing Angle: 20 degrees
• All plastic mold type, clear colorless lens
• Peak wavelength
(λp = 575 nm)
• ESD-withstand voltage: up to 2KV
Precaution
Please be careful of the following:
1. Soldering temperature: 260 C max., Soldering time: 5 sec. max.
Soldering portion of lead: up to 1.6 mm from the body of the device.
Electro-Optical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Minimum
Typical
Maximum
Unit
Forward Voltage
VF
IF = 20 mA
–2.0
2.4
V
Reverse Current
IR
VR = 5 V
–
–
10
µA
Luminous Intensity
IV
IF = 20 mA
630
1,250
–
mcd
Peak Emission Wavelength
λP
IF = 20 mA
–
575
–
nm
Spectrum Radiation Bandwidth
λd
IF = 20 mA
–
573
–
nm
Dominant Wavelength
∆λ
IF = 20 mA
–20–
nm
Viewing Angle
2θ 1/2
IF = 20 mA
–
20
–
degree
Product specifications contained herein may be changed without prior notice.
It is therefore advisable to contact Purdy Electronics before proceeding with the design of equipment incorporating this product.
Applications
• Outdoor Displays
• Status Indicators
• Backlighting
• Commercial Use
Maximum Ratings: (Ta = 25ºC)
Item
Symbol
Rating
Units
Continuous Forward Current
IF
25
mA
Reverse Voltage
VR
5
V
Peak Forward Current (Pulse Width < 100
µs,
Duty Cycle < 1%)
IFP
100
mA
Operating Temperature
Topr
-40 ~ +85
ºC
Storage Temperature
Tstg
-40 ~ +100
ºC
Soldering Temperature (Time < 5 sec.)
Tsol
260
ºC
Power Dissipation
Pd
60
mW
Electrostatic Discharge
ESD
2000
V
• RoHS Compliant


Similar Part No. - AND157HGP

ManufacturerPart #DatasheetDescription
logo
Purdy Electronics Corpo...
AND157HGP PURDY-AND157HGP_15 Datasheet
221Kb / 2P
Ultra Bright LED Lamps
More results

Similar Description - AND157HGP

ManufacturerPart #DatasheetDescription
logo
Purdy Electronics Corpo...
AND157HSP PURDY-AND157HSP Datasheet
77Kb / 2P
Ultra Bright LED Lamps
AND180HRP PURDY-AND180HRP Datasheet
61Kb / 2P
Ultra Bright LED Lamps
AND183HGP PURDY-AND183HGP Datasheet
25Kb / 2P
Ultra Bright LED Lamps
AND190HAP PURDY-AND190HAP Datasheet
49Kb / 2P
Ultra Bright LED Lamps
AND190HBB PURDY-AND190HBB Datasheet
57Kb / 2P
Ultra Bright LED Lamps
AND191CRP PURDY-AND191CRP Datasheet
106Kb / 2P
Ultra Bright LED Lamps
AND262GCP PURDY-AND262GCP Datasheet
46Kb / 2P
Ultra Bright LED Lamps
AND262HBB PURDY-AND262HBB Datasheet
60Kb / 2P
Ultra Bright LED Lamps
AND262YAP PURDY-AND262YAP Datasheet
56Kb / 2P
Ultra Bright LED Lamps
AND157HYP PURDY-AND157HYP_15 Datasheet
194Kb / 2P
Ultra Bright LED Lamps
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com