Electronic Components Datasheet Search
  English  ▼

X  

AND180HSP Datasheet(PDF) 1 Page - Purdy Electronics Corporation

Part # AND180HSP
Description  Ultra Bright LED Lamps
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PURDY [Purdy Electronics Corporation]
Direct Link  http://www.purdyelectronics.com
Logo PURDY - Purdy Electronics Corporation

AND180HSP Datasheet(HTML) 1 Page - Purdy Electronics Corporation

  AND180HSP Datasheet HTML 1Page - Purdy Electronics Corporation AND180HSP Datasheet HTML 2Page - Purdy Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Purdy Electronics Corporation • 720 Palomar Avenue • Sunnyvale, CA 94085
Tel: 408.523.8200 • Fax: 408.733.1287 • sales@purdyelectronics.com • www.purdyelectronics.com
6/14/07
AND180HSP
Ultra Bright LED Lamps: Type 3
Weight: 0.31 g
Unit: mm
5.0
±0.2
0.5
1. Anode
2. Cathode
2.54
12
Cathode Index
AND180HSP
InGaAlP High Brightness Red Light Emission
T-1 3/4 Package (5 mm)
Features
• Peak wavelength (lp = 623 nm) high bright emission
• All plastic mold type, clear colorless lens
• Low drive current: 1 to 20 mA DC
• Excellent On-Off contrast ratio
• Fast response time, capable of pulse operation
• High power luminous intensity
• Suitable for Outdoor Message Signboards, Automotive Use
Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Forward Current
IF
50
mA
Reverse Voltage
VR
5V
Power Dissipation
PD
125
mW
Operating Temperature Range
TOpr
-40 to 85
°C
Storage Temperature Range
TStg
-40 to 100
°C
Precaution
Please be careful of the following:
1. Soldering temperature: 260°C max
Soldering time: 5 sec. max
Soldering portion of lead: up to 1.6 mm from the body of the device
2. The lead can be formed up to 5 mm from the body of the device without forming stress.
Soldering should be performed after the lead forming.
Electro-Optical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Minimum
Typical
Maximum
Unit
Forward Voltage
VF
IF = 20 mA
–2.1
2.8
V
Reverse Current
IR
VR = 4 V
–
–
10
µA
Luminous Intensity
IV
IF = 20 mA
3,200
6,000
–
mcd
Peak Emission Wavelength
lP
IF = 20 mA
–
623
–
nm
Spectral Line Half Width
∆l
IF = 20 mA
–18–
nm
Dominant Wavelength
ld
IF = 20 mA
–
613
–
nm
Full Viewing Angle
q
IV = 1/2 Peak
–
6
–
degree
Product specifications contained herein may be changed without prior notice.
It is therefore advisable to contact Purdy Electronics before proceeding with the design of equipment incorporating this product.
• RoHS Compliant


Similar Part No. - AND180HSP

ManufacturerPart #DatasheetDescription
logo
Purdy Electronics Corpo...
AND180HRP PURDY-AND180HRP Datasheet
61Kb / 2P
Ultra Bright LED Lamps
AND180HRP PURDY-AND180HRP_15 Datasheet
191Kb / 2P
Ultra Bright LED Lamps
AND180HYP PURDY-AND180HYP Datasheet
49Kb / 2P
Ultra Bright LED Lamps
AND180HYP PURDY-AND180HYP_15 Datasheet
191Kb / 2P
Ultra Bright LED Lamps
More results

Similar Description - AND180HSP

ManufacturerPart #DatasheetDescription
logo
Purdy Electronics Corpo...
AND157HSP PURDY-AND157HSP Datasheet
77Kb / 2P
Ultra Bright LED Lamps
AND180HRP PURDY-AND180HRP Datasheet
61Kb / 2P
Ultra Bright LED Lamps
AND183HGP PURDY-AND183HGP Datasheet
25Kb / 2P
Ultra Bright LED Lamps
AND190HAP PURDY-AND190HAP Datasheet
49Kb / 2P
Ultra Bright LED Lamps
AND190HBB PURDY-AND190HBB Datasheet
57Kb / 2P
Ultra Bright LED Lamps
AND191CRP PURDY-AND191CRP Datasheet
106Kb / 2P
Ultra Bright LED Lamps
AND262GCP PURDY-AND262GCP Datasheet
46Kb / 2P
Ultra Bright LED Lamps
AND262HBB PURDY-AND262HBB Datasheet
60Kb / 2P
Ultra Bright LED Lamps
AND262YAP PURDY-AND262YAP Datasheet
56Kb / 2P
Ultra Bright LED Lamps
AND157HYP PURDY-AND157HYP_15 Datasheet
194Kb / 2P
Ultra Bright LED Lamps
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com