Electronic Components Datasheet Search
  English  ▼

X  

AND190HBA Datasheet(PDF) 1 Page - Purdy Electronics Corporation

Part # AND190HBA
Description  Ultra Bright LED Lamps
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PURDY [Purdy Electronics Corporation]
Direct Link  http://www.purdyelectronics.com
Logo PURDY - Purdy Electronics Corporation

AND190HBA Datasheet(HTML) 1 Page - Purdy Electronics Corporation

  AND190HBA Datasheet HTML 1Page - Purdy Electronics Corporation AND190HBA Datasheet HTML 2Page - Purdy Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Purdy Electronics Corporation • 720 Palomar Avenue • Sunnyvale, CA 94085
Tel: 408.523.8200 • Fax: 408.733.1287 • sales@purdyelectronics.com • www.purdyelectronics.com
7/18/07
AND190HBA
Ultra Bright LED Lamps: Type 3
Weight: 1.0g
Unit: mm
10.0
±0.2
1. Anode
2. Cathode
1 2
Cathode Index
2.54
0.5
AND190HBA
GaN High Brightness Blue Light Emission
T-3 Package (10 mm)
Features
• New emission material (GaN) blue LED
• Peak wavelength (
λp = 430 nm) high bright emission
• All plastic mold type, clear colorless lens
• Low drive current, (forward current = 1 to 20 mA)
• Excellent On-Off contrast ratio
• Fast response time, capable of pulse operation
• High power luminous intensity
• Suitable for Outdoor Message Signboards, Automotive Use
Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Forward Current
IF
30
mA
Reverse Voltage
VR
5V
Power Dissipation
PD
125
mW
Operating Temperature Range
TOpr
-40 to 85
°C
Storage Temperature Range
TStg
-40 to 100
°C
Precaution
Please be careful of the following:
1. Soldering temperature: 260°C max
Soldering time: 5 sec. max
Soldering portion of lead: up to 1.6 mm from the body of the device
2. The lead can be formed up to 5 mm from the body of the device without forming stress.
Soldering should be performed after the lead forming.
3. Absolute secure counter measures against static electricity and surge should be taken when handling these
products. It is recommended to use wrist band or antistatic gloves when handling these LEDs.
Electro-Optical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Minimum
Typical
Maximum
Unit
Forward Voltage
VF
IF = 20 mA
–3.8
4.5
V
Reverse Current
IR
VR = 5 V
–
–
10
µA
Luminous Intensity
IV
IF = 20 mA
1,000
1,500
–
mcd
Peak Emission Wavelength
λP
IF = 20 mA
–
430
–
nm
Spectral Line Half Width
∆
λ
IF = 20 mA
–65–
nm
Dominant Wavelength
λd
IF = 20 mA
–
466
–
nm
Full Viewing Angle
θ
IV = 1/2 Peak
–
10
–
degree
Product specifications contained herein may be changed without prior notice.
It is therefore advisable to contact Purdy Electronics before proceeding with the design of equipment incorporating this product.
• RoHS Compliant


Similar Part No. - AND190HBA

ManufacturerPart #DatasheetDescription
logo
Purdy Electronics Corpo...
AND190HBB PURDY-AND190HBB Datasheet
57Kb / 2P
Ultra Bright LED Lamps
More results

Similar Description - AND190HBA

ManufacturerPart #DatasheetDescription
logo
Purdy Electronics Corpo...
AND157HSP PURDY-AND157HSP Datasheet
77Kb / 2P
Ultra Bright LED Lamps
AND180HRP PURDY-AND180HRP Datasheet
61Kb / 2P
Ultra Bright LED Lamps
AND183HGP PURDY-AND183HGP Datasheet
25Kb / 2P
Ultra Bright LED Lamps
AND190HAP PURDY-AND190HAP Datasheet
49Kb / 2P
Ultra Bright LED Lamps
AND190HBB PURDY-AND190HBB Datasheet
57Kb / 2P
Ultra Bright LED Lamps
AND191CRP PURDY-AND191CRP Datasheet
106Kb / 2P
Ultra Bright LED Lamps
AND262GCP PURDY-AND262GCP Datasheet
46Kb / 2P
Ultra Bright LED Lamps
AND262HBB PURDY-AND262HBB Datasheet
60Kb / 2P
Ultra Bright LED Lamps
AND262YAP PURDY-AND262YAP Datasheet
56Kb / 2P
Ultra Bright LED Lamps
AND157HYP PURDY-AND157HYP_15 Datasheet
194Kb / 2P
Ultra Bright LED Lamps
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com