Electronic Components Datasheet Search
  English  ▼

X  

AND208GA Datasheet(PDF) 1 Page - Purdy Electronics Corporation

Part # AND208GA
Description  Standard Bright LED Lamps
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PURDY [Purdy Electronics Corporation]
Direct Link  http://www.purdyelectronics.com
Logo PURDY - Purdy Electronics Corporation

AND208GA Datasheet(HTML) 1 Page - Purdy Electronics Corporation

  AND208GA Datasheet HTML 1Page - Purdy Electronics Corporation AND208GA Datasheet HTML 2Page - Purdy Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AND208GA
Standard Bright LED Lamps
Purdy Electronics Corporation • 720 Palomar Avenue • Sunnyvale, CA 94085
Tel: 408.523.8200 • Fax: 408.733.1287 • email@purdyelectronics.com •
www.purdyelectronics.com
7/18/07
5(.197)
1.2
(.047)
2.54(0.1)
4(.157)
2(.079)
AND208GA
Special Shape
2mm x 5mm Rectangular
Features
• Low power requirement
• Special shape
• All plastic molded lens
• GaP – Green
• RoHS Compliant
Optical Characteristics (T = 25°C)
Part
Number
Color
Lens
Desc.
Axial Luminous
Intensity
(mcd)
Test
Condition
(IF–mA)
Viewing
Angle
2
θ1/2
(deg)
LED
Lens
Min.
Typ.
AND208GA
Green
Green
Diffused
2.0
3.5
10
110
Precaution
Please be careful of the following:
1. Soldering temperature: 260°C max; Soldering time: 3 sec. max; Soldering portion of lead: up to 2 mm from the body of the device.
2. The lead can be formed up to 5 mm from the body of the device without forming stress. Soldering should be performed after the
lead forming.
Absolute Maximum Ratings (TA = 25°C)
Characteristics
Symbol
Rating
Unit
Forward Current
IF
25
mA
Reverse Voltage
VR
5V
Power Dissipation
PD
105
mW
Operating Temperature
TOpr
-40 to +85
°C
Storage Temperature Range
TStg
-40 to +85
°C
Electro-Optical Characteristics (TA = 25°C)
Characteristics
Symbol
Test Condition
AND208GA
(Green)
Unit
Typ.
Max.
Forward Voltage
VF
IF = 20mA
2.2
2.5
V
Reverse Current
IR
VR = 5 V
–10
µA
Peak Emission Wavelength
λp
IF = 20mA
565
–
nm
Spectral Line Half Width
λ
IF = 20mA
30
–
nm
Weight: 0.30 g
Unit: mm
Product specifications contained herein may be changed without prior notice.
It is therefore advisable to contact Purdy Electronics before proceeding with the design of equipment incorporating this product.


Similar Part No. - AND208GA

ManufacturerPart #DatasheetDescription
logo
Purdy Electronics Corpo...
AND208RA PURDY-AND208RA Datasheet
48Kb / 2P
Standard Bright LED Lamps
AND208SGA PURDY-AND208SGA Datasheet
50Kb / 3P
Standard Bright LED Lamps
AND208YA PURDY-AND208YA Datasheet
47Kb / 2P
Standard Bright LED Lamps
AND208YGA PURDY-AND208YGA Datasheet
50Kb / 3P
Standard Bright LED Lamps
More results

Similar Description - AND208GA

ManufacturerPart #DatasheetDescription
logo
Purdy Electronics Corpo...
AND113Y PURDY-AND113Y Datasheet
87Kb / 2P
Standard Bright LED LAMPS
AND114G PURDY-AND114G Datasheet
87Kb / 2P
Standard Bright LED LAMPS
AND114Y PURDY-AND114Y Datasheet
87Kb / 2P
Standard Bright LED LAMPS
AND205YA PURDY-AND205YA Datasheet
46Kb / 2P
Standard Bright LED Lamps
AND208YA PURDY-AND208YA Datasheet
47Kb / 2P
Standard Bright LED Lamps
AND211GA PURDY-AND211GA Datasheet
46Kb / 2P
Standard Bright LED Lamps
AND218YPA PURDY-AND218YPA Datasheet
45Kb / 2P
Standard Bright LED Lamps
AND113G-GP PURDY-AND113G-GP Datasheet
88Kb / 2P
Standard Bright LED LAMPS
AND114G-GP PURDY-AND114G-GP Datasheet
87Kb / 2P
Standard Bright LED LAMPS
AND820HW PURDY-AND820HW Datasheet
377Kb / 2P
Standard Bright LED Lamps
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com