Electronic Components Datasheet Search
  English  ▼

X  

AND262HW Datasheet(PDF) 1 Page - Purdy Electronics Corporation

Part # AND262HW
Description  Ultra Bright LED Lamps
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PURDY [Purdy Electronics Corporation]
Direct Link  http://www.purdyelectronics.com
Logo PURDY - Purdy Electronics Corporation

AND262HW Datasheet(HTML) 1 Page - Purdy Electronics Corporation

  AND262HW Datasheet HTML 1Page - Purdy Electronics Corporation AND262HW Datasheet HTML 2Page - Purdy Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Purdy Electronics Corporation • 720 Palomar Avenue • Sunnyvale, CA 94085
Tel: 408.523.8200 • Fax: 408.733.1287 • sales@purdyelectronics.com • www.purdyelectronics.com
3/30/09
AND262HW
Ultra Bright LED Lamps
Package Dimensions
Unit: mm
AND262HW
InGaN High Brightness White Light Emission
• 3 mm (T-1) Package
• All plastic mold type, clear colorless lens
• Low drive current: 1 to 20 mA DC
• Excellent On-Off contrast ratio
• Fast response time, capable of pulse operation
• High power intensity
• High reliability
• RoHS Compliant
Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Forward Current
IF
25
mA
Peak Forward Current (Duty 1/10@1KHz)
IFP
100
,A
Reverse Voltage
VR
5V
Power Dissipation
PD
100
mW
Operating Temperature Range
TOpr
-40 to 85
ºC
Storage Temperature Range
TSig
-40 to 100
ºC
Soldering Temperature (T=5 sec)
TSOL
260 ± 5
ºC
Electrostatic Discharge
ESD
4K
V
Precaution
Please be careful of the following:
Absolute secure counter measures against static electricity and surge should be taken when handling theses proce-
dures. It is recommended to use wrist band or antistatic gloves when handling these LEDs.
Electro-Optical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Minimum
Typical
Maximum
Unit
Forward Voltage
VF
IF = 20 mA
–3.5
4.0
V
Reverse Current
IR
VR = 5V
–
–
50
µA
Luminous Intensity
IV
IF = 20 mA
1800
2250
–
mcd
Wavelength = 550 nm
Chromaticity Coordinates
x
IF = 10 mA
–0.29–
y
IF = 10 mA
–0.28–
Full Viewing Angle
θ
IV = 1/2 Peak
–
35
–
degree
Product specifications contained herein may be changed without prior notice.
It is therefore advisable to contact Purdy Electronics before proceeding with the design of equipment incorporating this product.


Similar Part No. - AND262HW

ManufacturerPart #DatasheetDescription
logo
Purdy Electronics Corpo...
AND262HAP PURDY-AND262HAP Datasheet
59Kb / 2P
Ultra Bright LED Lamps
AND262HBA PURDY-AND262HBA Datasheet
59Kb / 2P
Ultra Bright LED Lamps
AND262HBB PURDY-AND262HBB Datasheet
60Kb / 2P
Ultra Bright LED Lamps
AND262HG PURDY-AND262HG Datasheet
59Kb / 2P
Ultra Bright LED Lamps
AND262HOP PURDY-AND262HOP Datasheet
59Kb / 2P
Ultra Bright LED Lamps
More results

Similar Description - AND262HW

ManufacturerPart #DatasheetDescription
logo
Purdy Electronics Corpo...
AND157HSP PURDY-AND157HSP Datasheet
77Kb / 2P
Ultra Bright LED Lamps
AND180HRP PURDY-AND180HRP Datasheet
61Kb / 2P
Ultra Bright LED Lamps
AND183HGP PURDY-AND183HGP Datasheet
25Kb / 2P
Ultra Bright LED Lamps
AND190HAP PURDY-AND190HAP Datasheet
49Kb / 2P
Ultra Bright LED Lamps
AND190HBB PURDY-AND190HBB Datasheet
57Kb / 2P
Ultra Bright LED Lamps
AND191CRP PURDY-AND191CRP Datasheet
106Kb / 2P
Ultra Bright LED Lamps
AND262GCP PURDY-AND262GCP Datasheet
46Kb / 2P
Ultra Bright LED Lamps
AND262HBB PURDY-AND262HBB Datasheet
60Kb / 2P
Ultra Bright LED Lamps
AND262YAP PURDY-AND262YAP Datasheet
56Kb / 2P
Ultra Bright LED Lamps
AND157HYP PURDY-AND157HYP_15 Datasheet
194Kb / 2P
Ultra Bright LED Lamps
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com