Electronic Components Datasheet Search
  English  ▼

X  

46113 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 46113
Description  EXTreme LPHPower??Low-Profile Hybrid Power Connector
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

46113 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  46113 Datasheet HTML 1Page - Molex Electronics Ltd. 46113 Datasheet HTML 2Page - Molex Electronics Ltd. 46113 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FEATURES AND SPECIFICATIONS
EXTreme LPHPower™
Low-Profile Hybrid
Power Connector
45984 Right Angle
Receptacle
46114 Vertical Receptacle
45985 Right Angle Plug
SPECIFICATIONS
ORDERING INFORMATION
Features and Benefits
n
Low-profile design, 7.50mm height enhances
system airflow and provides 127.0A per linear inch
n
Receptacle sides mates to either our standard LPH
plug or an industry standard 1.57mm PBC gold
finger card edge
n
Rated for current interruption hot-plugging
requirements
Reference Information
Packaging: Tray or Tube
UL File No.: E29179
CSA File No.: LR19980
TUV: 30683046.001
Designed In: Millimeters
Electrical
Voltage: 250V max
Current (at 30° C Temperature rise):
Power – 30.0A max.
Signal – 1.0A max.
Contact Resistance (per contact):
Initial
End of Life
Power (milliohms)
0.50
0.64
Signal (milliohms)
6.24
8.34
Dielectric Withstanding Voltage: 1500V
Insulation Resistance: 5000 Megohms min.
Current interruption:
Power – 30.0A and 48V DC
Signal – 1.0A at 30V
n
Rugged signal and power contacts reduce the
potential for stubbing or damage
n
Two isolated power contacts per housing bay (top
and bottom)
n
Tested per EIA-364-1000.01
n
Last-mate/first-break available on power contacts
Mechanical
Mating Force (max. per circuit):
Power Contacts – 6.87N (1.54 lb)
Signal Contacts – 1.08N (0.24 lb)
Un-mating Force (max per circuit):
Power Contacts – 5.88N (1.32 lb)
Signal Contacts – 0.02N (0.03 lb)
Durability: 250 cycles
(Receptacle and Plug)
Physical
Housing: LCP
Contact:
Power Contacts - Copper (Cu) Alloy
Signal Contacts – Phosphor Bronze
Plating:
Contact Area — Select Gold
Solder Tail Area — Tin
Underplating — Nickel
Flammability Rating: UL-94V-0
Documents
Sales Drawings: SD-45984-XXX, SD-45985-XXX,
SD-46114-XXX, SD-46112-XXX, SD-46113-XXX
Product Specs:
Right Angle — PS-45984-001
Vertical — PS-46114-001
Application Tooling:
Vertical ATS — 62100-6300, 62201-8671,
62201-8672
Series*
Description
Power Circuit
Signal Circuit
Guide
Board Peg
PCB Thickness
45984
Right Angle Receptacle
4 to 10
12 to 40
Optional
Optional
1.57, 2.36, 6.35mm
(.062, .093, .250”)
46114, 46112, 46113
Vertical Receptacle
2 to 14
12 to 40
Optional
N/A
1.57mm min. (.062”)
45985
Right Angle Plug
4 to 10
12 to 40
Optional
Optional
1.57, 2.36, 6.35mm
(.062, .093, .250”)
*Complete part numbers can be found at www.molex.com/link/ext-power.html
The
EXTreme LPHPower™ Connector is a mixed, high-current power and signal connector system that picks
up where traditional connectors leave off. Designed with power blades parallel to the PC board, its extremely
low-profile height of only 7.50mm (.295”) allows greater system airflow while taking up 53% less space than
traditional connectors with the same current rating. Designed as a new generation of power interconnect, Molex’s
EXTreme LPHPower™ connector provides up to 127.0A per linear inch of space, has two isolated power blades in
each housing bay and can be mated in a right angle, co-planar or vertical orientation. EXTreme LPHPower™ can be
mated in a traditional two-piece connector system, or as a one-piece receptacle-to-cardedge / bus bar application.


Similar Part No. - 46113

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
4611310 TURCK-4611310 Datasheet
1Mb / 3P
Inductive Sensor – With Increased Switching Distance
11/07/2023
4611315 TURCK-4611315 Datasheet
1Mb / 3P
Inductive Sensor – With Increased Switching Distance
11/07/2023
4611318 TURCK-4611318 Datasheet
340Kb / 3P
Inductive Sensor – With Increased Switching Distance
11/07/2023
4611321 TURCK-4611321 Datasheet
342Kb / 3P
Inductive Sensor – With Increased Switching Distance
11/07/2023
4611322 TURCK-4611322 Datasheet
342Kb / 3P
Inductive Sensor – With Increased Switching Distance
11/07/2023
More results

Similar Description - 46113

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TL1220 ETC-TL1220 Datasheet
100Kb / 1P
LOW PROFILE HYBRID TRANSFORMER
logo
Molex Electronics Ltd.
45911 MOLEX-45911 Datasheet
1Mb / 3P
EXTreme PowerEdge??Card Edge Hybrid Power Connector
0459846452 MOLEX6-0459846452 Datasheet
443Kb / 7P
1.27mm (.050"), 12.00mm (.472") Pitch, EXTreme LPHPower?
0459848924 MOLEX6-0459848924 Datasheet
360Kb / 7P
EXTreme LPHPower??Receptacle Header, Right Angle
0461120803 MOLEX1-0461120803_17 Datasheet
33Kb / 2P
12.00mm Pitch, EXTreme LPHPower Receptacle Header, Vertical, 8 Power Contact
0461120203 MOLEX1-0461120203_17 Datasheet
34Kb / 2P
12.00mm Pitch, EXTreme LPHPower Receptacle Header, Vertical, 2 Power Contact
0461120403 MOLEX1-0461120403_17 Datasheet
34Kb / 2P
12.00mm Pitch, EXTreme LPHPower Receptacle Header, Vertical, 4 Power Contact
0461120601 MOLEX1-0461120601_17 Datasheet
34Kb / 2P
12.00mm Pitch, EXTreme LPHPower Receptacle Header, Vertical, 6 Power Contact
0461120603 MOLEX1-0461120603_17 Datasheet
33Kb / 2P
12.00mm Pitch, EXTreme LPHPower Receptacle Header, Vertical, 6 Power Contact
0461142360 MOLEX1-0461142360 Datasheet
71Kb / 2P
1.27mm, 12.00mm Pitch, EXTreme LPHPower Receptacle Header, Vertical, 2 Power
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com