Electronic Components Datasheet Search
  English  ▼

X  

46436 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 46436
Description  EXTreme Ten60Power??High-Current Connector Board-to-Board
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

46436 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  46436 Datasheet HTML 1Page - Molex Electronics Ltd. 46436 Datasheet HTML 2Page - Molex Electronics Ltd. 46436 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FEATURES AND SPECIFICATIONS
EXTreme Ten60Power™
High-Current Connector
Board-to-Board
46436 Right Angle
Receptacle
46562 Vertical Receptacle
46437 Right Angle Plug
SPECIFICATIONS
ORDERING INFORMATION
Features and Benefits
n
Low-profile design of 10.00mm height enhances
system airflow and provides 278.0A per linear inch
n
Modular assembly for virtually any design
configuration including wire-to-board options
n
Right-angle and vertical mounting available for
either coplanar or perpendicular applications
n
Robust, high-current contact blades for DC
(5.50mm pitch) and AC (7.50mm pitch) spacing
options
Reference Information
Packaging: Tray
UL File No.: E29179
CSA File No.: LR19880
TUV: R 72081037
Designed In: Millimeters
Electrical
Voltage:
Power - 600V max.
Current (at 30°C Temperature rise):
Power – 60.0A max.
Signal – 2.5A max.
Contact Resistance (per contact):
Initial
End of Life
Power (milliohms) – 0.50
0.75 max change
Signal (milliohms) – 6.50 15.00 max change
Dielectric Withstanding Voltage: 1500V
Insulation Resistance: 5000 Megohms min.
Current interruptions rating:
Power – Contact Molex
Signal – Contact Molex
n
Rated for current interruption
n
Connectors comply to EIA-364-1001.01 and MFG
test procedures
n
Last-mate/first-break available on both power and
signal contacts
n
60.0A per power blade
Mechanical
Pitch:
Power – 5.50 or 7.50mm
Signal – 2.54 by 2.45mm
Mating Force (max. per circuit):
Power Contacts – 500g (1.102 lb)
Signal Contacts – 102g (.225 lb)
Un-mating Force (min. per circuit):
Power Contacts – 400g (.882 lb)
Signal Contacts – 30g (.066 lb)
Durability: 100 cycles
Physical
Housing: 30% glass filled LCP
Contact:
Power Contacts - Copper Alloy
Signal Contacts – Copper Alloy
Plating:
Contact Area — Select Gold
Solder Tail Area — Tin
Underplating — Nickel
Flammability Rating: UL 94V-0
RoHS compliant
Documents
Sales Drawings: SD-46436-XXX, SD-46562-XXX
SD-46437-XXX
Product Specs: PS-46436-100
Series*
Description
Power Circuits
Signal Circuits
Guide
Board Peg
PCB Thickness
46436
Right Angle Receptacle
1 to 10
6 to 36
Side or Top Options
available
Optional
1.57 to 3.81mm
(.062 to .150”)
46562
Vertical Receptacle
46437
Plug
*Complete part numbers can be found at www.molex.com/link/ext-power.html
The
EXTreme Ten60 Power™ Connector features the highest square-inch current density of any power
connector system that Molex has developed. A low 10.00mm (.394”) profile, coupled with high-capacity power
blades, allows this interconnect to target smaller power supply architectures that deliver very high current in
limited spaces where airflow can otherwise be restricted by larger connectors. Optional guides can be placed on
each end at traditional side locations, or on top of the connector to save valuable PC board real estate. Power and
signal modules can be placed in any location.


Similar Part No. - 46436

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
46436 MOLEX-46436 Datasheet
34Kb / 2P
EXTreme Ten60Power High-Current Connector
09/27/2021
46436-1010 MOLEX-46436-1010 Datasheet
1Mb / 3P
EXTreme Ten50PowerTM High-Current Connector 5.50 (DC) or 7.50mm (AC)
46436-3003 MOLEX-46436-3003 Datasheet
34Kb / 2P
EXTreme Ten60Power High-Current Connector
09/27/2021
More results

Similar Description - 46436

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
75555 MOLEX-75555 Datasheet
1Mb / 3P
EXTreme PowerMass??High-Current Assembly Board-to-Board
75730 MOLEX-75730 Datasheet
1Mb / 2P
EXTreme MicroPower??4.00mm (0.157?? Pitch Board-to-Board Connector
75555-2001 MOLEX-75555-2001 Datasheet
270Kb / 3P
EXTreme Power-Mass??High-Current Connector Board-to-Board Applications
46586-1003 MOLEX11-46586-1003 Datasheet
58Kb / 1P
EXTreme Ten60Power™ 7.50mm Pitch Wire-to-Board Harness Kit,3 Circuits with
46708-0001 MOLEX11-46708-0001 Datasheet
37Kb / 1P
TPA for EXTreme Ten60Power
46710-9000 MOLEX11-46710-9000 Datasheet
42Kb / 1P
EXTreme Ten60Power 153 Wire-to-Board Harness Kit, 4 Power Circuits, 15 Signal Circuits
46945-0001 MOLEX11-46945-0001 Datasheet
37Kb / 1P
TPA for EXTreme Ten60Power Housing Plug
46947-0001 MOLEX11-46947-0001 Datasheet
38Kb / 1P
TPA for EXTreme Ten60Power Housing Receptacle
logo
Adam Technologies, Inc.
BB5-S-XX ADAM-TECH-BB5-S-XX Datasheet
152Kb / 1P
BOARD TO BOARD CONNECTOR
logo
Kyocera Kinseki Corpota...
5015 KSS-5015 Datasheet
430Kb / 3P
Board to Board Connector
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com