Electronic Components Datasheet Search
  English  ▼

X  

AND520HB Datasheet(PDF) 2 Page - Purdy Electronics Corporation

Part # AND520HB
Description  Ultra Bright LED Lamps
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PURDY [Purdy Electronics Corporation]
Direct Link  http://www.purdyelectronics.com
Logo PURDY - Purdy Electronics Corporation

AND520HB Datasheet(HTML) 2 Page - Purdy Electronics Corporation

  AND520HB Datasheet HTML 1Page - Purdy Electronics Corporation AND520HB Datasheet HTML 2Page - Purdy Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
AND520HB
GaN High Brightness Blue Light Emission
Ultra Bright LED Lamps: Type 3
Purdy Electronics Corporation • 720 Palomar Avenue • Sunnyvale, CA 94085
Tel: 408.523.8200 • Fax: 408.733.1287 • sales@purdyelectronics.com • www.purdyelectronics.com
7/18/07
-20
0
20
40
60
80
0.1
0.3
0.5
1
3
IV – TC
Case Temperature TC (°C)
IF – Ta
Ambient Temperature Ta (°C)
0
20
40
60
80
100
0
20
20
30
40
350
400
450
500
550
600
0
0.2
0.4
0.6
0.8
1.0
Relative Luminous Intensity – Wavelength
Wavelength
λ (nm)
IF = 20 mA
Ta = 25°C
Radiation Pattern
Ta = 25°C
90°
80°
70°
60°
50°
40°
30°
20°
10°
0°
10°
20°
30°
40°
50°
60°
70°
80°
90°
0.2
00.4
0.8
0.6
1.0
1.5
2.0
2.5
3.0
3.5
4.0
1
3
5
10
30
50
IF – VF
Forward Voltage VF (V)
Ta = 25°C
1
3
5
10
30 50
100
300 500
20
50
1000
500
300
100
3000
5000
Ta = 25°C
IV – VF
Forward Current IF (mA)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com