Electronic Components Datasheet Search
  English  ▼

X  

AND591GST Datasheet(PDF) 1 Page - Purdy Electronics Corporation

Part # AND591GST
Description  2 Lines x 40 Characters Intelligent Character Display
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PURDY [Purdy Electronics Corporation]
Direct Link  http://www.purdyelectronics.com
Logo PURDY - Purdy Electronics Corporation

AND591GST Datasheet(HTML) 1 Page - Purdy Electronics Corporation

  AND591GST Datasheet HTML 1Page - Purdy Electronics Corporation AND591GST Datasheet HTML 2Page - Purdy Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Purdy Electronics Corporation • 720 Palomar Avenue • Sunnyvale, CA 94085
T l 408 523 8200
F
408 733 1287
l
@
d
l
t
i
ANDdi
l
1
Displays
Displays
AND591GST/GST-LED
2 Lines x 40 Characters
Intelligent Character Display
The AND591GST/GST-LED devices are compact, LCD
modules that have an on-board LCD controller and driver
circuit. These devices can display 160 characters (numerals,
letters, symbols and Kana letters), as well as eight custom
characters.
Features
• 5 x 7 dots with cursor
• Built-in controller (KS0066 or equivalent)
• 5V Power supply
• RoHS compliant
• 4.2V LED Forward Voltage
Dot Matrix Dimensions
Mechanical Characteristics
Item
Specification
Unit
Outline
Dimensions
182 (H) x 33.5 (V) x 8.8 (D)
(12.7 LED)
mm
Character Size
3.20 (H) x 5.55 (V)
mm
Character
Pitch
3.70 (H) x 5.95 (V)
mm
Viewing Area
154 (H) x 15.3 (V)
mm
Dot Size
0.60 (H) x 0.65 (V)
mm
Dot Pitch
0.65 (H) x 0.70 (V)
mm
Absolute Maximum Ratings
Item
Symbol
Rating
Unit
Supply Voltage
VDD
7.0
V
Input Voltage
VIN
0 ≤ VIN ≤ VDD
V
LED Forward Current
IF
520
mA
LED Reverse Voltage
VR
4V
LED Power Dissipation
PD
2240
mW
Operating Temperature
Top
0 to +50
°C
Storage Temperature
Tstg
–20 to +60
°C
Electrical Characteristics (TA = 25°C)
Item
Symbol
Cond.
Min. Typ. Max. Unit
LCD Operating Voltage
VDD-VO
T=0 °C
–
4.8
–
V
T=25 °C
–
4.5
–
T=50 °C
–
4.2
–
Supply Voltage
VDD-VSS
–
4.7
5
5.3
V
Supply Current
IDD
–
–
3.2
6
mA
Input
Voltage
“High” Level
VIH
–
2.2
–
VDD
V
“Low” Level
VIL
–
0
–
0.6
Output
Voltage
“High” Level
VOH
–
2.4
–
–
V
“Low” Level
VOL
–
–
–
0.4
Optical Characteristics (TA = 25˚C, f = 0°, q = 0°)
Item
Symbol
Min.
Typ.
Max.
Unit
Viewing Angle
f
–
50
–
degree
Contrast
K
–
6.0
–
–
Turn On
Ton
–
200
400
ms
Turn Off
Toff
–
100
400
ms
Absolute Maximum Ratings (Continued)
Item
Symbol
Rating
Unit
Product specifications contained herein may be changed
without prior notice. It is therefore advisable to contact
Purdy Electronics before proceeding with the design of
equipment incorporating this product.
• RoHS Compliant


Similar Part No. - AND591GST

ManufacturerPart #DatasheetDescription
logo
Purdy Electronics Corpo...
AND591GST PURDY-AND591GST Datasheet
396Kb / 4P
Liquid Crystal Displays
AND591GST PURDY-AND591GST Datasheet
396Kb / 4P
Liquid Crystal Displays
logo
List of Unclassifed Man...
AND591GST ETC2-AND591GST Datasheet
97Kb / 3P
Color Displays - (Prototype Kits Available for All Displays)
logo
Purdy Electronics Corpo...
AND591GST-LED PURDY-AND591GST-LED Datasheet
396Kb / 4P
Liquid Crystal Displays
AND591GST-LED PURDY-AND591GST-LED Datasheet
396Kb / 4P
Liquid Crystal Displays
More results

Similar Description - AND591GST

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LC4021 ETC-LC4021 Datasheet
32Kb / 1P
40 characters x 2 lines
AND791GST ETC1-AND791GST Datasheet
62Kb / 3P
4 Lines x 40 Characters Intelligent Character Display
logo
Hantronix,Inc
HDM40216H-4 HANTRONIX-HDM40216H-4 Datasheet
28Kb / 1P
40 Character x 2 Lines
logo
Hitachi Semiconductor
LM092XMLN HITACHI-LM092XMLN Datasheet
161Kb / 3P
40 characters x 2 lines LCD
logo
List of Unclassifed Man...
AND671GST ETC2-AND671GST Datasheet
40Kb / 2P
1 Line x 16 Characters Intelligent Character Display
logo
Purdy Electronics Corpo...
AND501GST PURDY-AND501GST Datasheet
132Kb / 2P
20 Characters x 2 Lines Intelligent Alphanumeric Displays
AND501WGST PURDY-AND501WGST Datasheet
79Kb / 2P
20 Characters x 2 Lines Intelligent Alphanumeric Displays
logo
List of Unclassifed Man...
MDLS-40466 ETC2-MDLS-40466 Datasheet
80Kb / 1P
40 CHARACTERS X 4 LINES
logo
Hantronix,Inc
HDM40216H-4 HANTRONIX-HDM40216H-4_15 Datasheet
46Kb / 1P
40 Character x 2 Lines
HDM40216H-4-S00S HANTRONIX-HDM40216H-4-S00S Datasheet
49Kb / 2P
40 Character x 2 Lines
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com