Electronic Components Datasheet Search
  English  ▼

X  

ZCPR Datasheet(PDF) 1 Page - American Zettler, Inc.

Part # ZCPR
Description  MOTOR START POTENTIAL RELAY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZETTLER [American Zettler, Inc.]
Direct Link  http://www.azettler.com
Logo AZETTLER - American Zettler, Inc.

ZCPR Datasheet(HTML) 1 Page - American Zettler, Inc.

  ZCPR Datasheet HTML 1Page - American Zettler, Inc. ZCPR Datasheet HTML 2Page - American Zettler, Inc. ZCPR Datasheet HTML 3Page - American Zettler, Inc. ZCPR Datasheet HTML 4Page - American Zettler, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
WIRING DIAGRAM
GENERAL DATA
Life Expectancy
Minimum operations
Mechanical
7.5 x 105
Electrical
5 x 105 at 16A 400VAC
2 x 105 at 35A 400VAC (break only)
1 x 105 at 50A 400VAC (break only)
Dimensions (mm)
51.2 x 46.6 x 36.5
Construction
Unsealed
Weight
approx. 110 grams
COIL
Coil Consumption
5VA
Coil Voltage
See table A & B
Coil Resistance
See table A & B
Insulation System
Class B (130oC)
FEATURES
7/27/06
• 50A switching capability
• SPST-NC configurations
• .250” quick connect termination
• ISO 9001 certified
• Variety of mounting positions
• UL, CUR SA11095
• Non-position sensitive design*
ZCPR Series
MOTOR START POTENTIAL RELAY
ZCPRA6AM6
CONTACTS
Arrangement
SPST-NC
Ratings
16A (make and break), 400 VAC, cos
k = 0.7 to 0.8
35A (break only), 400 VAC cos
k = 0.7 to 0.8
50A (break only), 400 VAC cos
k = 0.7 to 0.8
Material
Silver cadmium oxide
Resistance
< 50 milliohms at 1A 24VDC
*Except in position #3


Similar Part No. - ZCPR

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
ZCP21 SCHNEIDER-ZCP21 Datasheet
131Kb / 3P
Osiswitch, limit switch body, ZCP, compact body, 1 NC and 1 NO, snap action
Feb 23, 2021
ZCP21M12 SCHNEIDER-ZCP21M12 Datasheet
90Kb / 2P
limit switch body ZCP - compact - 1NC1NO - snap action - M12 4P
Aug 10, 2019
More results

Similar Description - ZCPR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
305C21 VISHAY-305C21 Datasheet
177Kb / 6P
PTCR Motor Start Packages PSC Single Phase Motor Start Assist
14-May-02
307C1674 VISHAY-307C1674 Datasheet
271Kb / 1P
PTCR Motor Start Pellets
14-May-02
logo
NTE Electronics
MSC125V21 NTE-MSC125V21 Datasheet
22Kb / 3P
MOTOR START AC ELECTROLYTIC
logo
Hongfa Technology
HF8565 HONGFA-HF8565 Datasheet
135Kb / 4P
MOTOR START POTENTIAL RELAY
logo
Tyco Electronics
38-A144C3000 MACOM-38-A144C3000 Datasheet
235Kb / 2P
Potential Motor Starting Relay 1-pole, 35A, Normally Closed AC Coil
logo
NTE Electronics
MSC125V21 NTE-MSC125V21_12 Datasheet
2Mb / 3P
MOTOR START AC ELECTROLYTIC
MSCH-01 NTE-MSCH-01 Datasheet
561Kb / 1P
MOTOR START HARDWARE
logo
Hongfa Technology
HF8565 HONGFA-HF8565_15 Datasheet
113Kb / 4P
MOTOR START POTENTIAL RELAY
logo
Vishay Siliconix
PTC305C VISHAY-PTC305C Datasheet
169Kb / 8P
Thermistors Motor Start Packages
11-Sep-15
PTC307C VISHAY-PTC307C Datasheet
428Kb / 3P
Thermistors Motor Start Pellets
11-Aug-10
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com