Electronic Components Datasheet Search
  English  ▼

X  

SN74F126 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN74F126
Description  QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74F126 Datasheet(HTML) 3 Page - Texas Instruments

  SN74F126 Datasheet HTML 1Page - Texas Instruments SN74F126 Datasheet HTML 2Page - Texas Instruments SN74F126 Datasheet HTML 3Page - Texas Instruments SN74F126 Datasheet HTML 4Page - Texas Instruments SN74F126 Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SN74F126
QUADRUPLE BUS BUFFER GATE
WITH 3-STATE OUTPUTS
SDFS017A – D3212, JANUARY 1989 – REVISED OCTOBER 1993
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
2–3
switching characteristics (see Note 2)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 5 V,
CL = 50 pF,
RL = 500 Ω,
TA = 25°C
VCC = 4.5 V to 5.5 V,
CL = 50 pF,
RL = 500 Ω,
TA = MIN to MAX†
UNIT
MIN
TYP
MAX
MIN
MAX
tPLH
A
Y
2
4
6.5
2
7
ns
tPHL
A
Y
3
5.5
8
2.8
8.5
ns
tPZH
OE
Y
3.8
6
7.5
3.3
8.5
ns
tPZL
OE
Y
3.8
6
8
3.5
8.5
ns
tPHZ
OE
Y
2
4.5
6.5
2
7.5
ns
tPLZ
OE
Y
3
5.5
7.5
3
8
ns
† For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.
NOTE 2: Load circuits and waveforms are shown in Section 1.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com