Electronic Components Datasheet Search
  English  ▼

X  

SN74F169 Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74F169
Description  SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74F169 Datasheet(HTML) 1 Page - Texas Instruments

  SN74F169 Datasheet HTML 1Page - Texas Instruments SN74F169 Datasheet HTML 2Page - Texas Instruments SN74F169 Datasheet HTML 3Page - Texas Instruments SN74F169 Datasheet HTML 4Page - Texas Instruments SN74F169 Datasheet HTML 5Page - Texas Instruments SN74F169 Datasheet HTML 6Page - Texas Instruments SN74F169 Datasheet HTML 7Page - Texas Instruments SN74F169 Datasheet HTML 8Page - Texas Instruments SN74F169 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
SN74F169
SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTER
SDFS089 – MARCH 1987 – REVISED OCTOBER 1993
Copyright
© 1993, Texas Instruments Incorporated
2–1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
• Fully Synchronous Operation for Counting
and Programming
• Internal Look-Ahead Circuitry for Fast
Counting
• Carry Output for N-Bit Cascading
• Fully Independent Clock Circuit
• Package Options Include Plastic
Small-Outline Packages and Standard
Plastic 300-mil DIPs
description
This synchronous, presettable, 4-bit up/down binary counter features an internal carry look-ahead circuitry for
cascading in high-speed counting applications. Synchronous operation is provided by having all flip-flops
clocked simultaneously so that the outputs change coincident with each other when so instructed by the
count-enable (ENP, ENT) inputs and internal gating. This mode of operation eliminates the output counting
spikes that are normally associated with asynchronous (ripple-clock) counters. A buffered clock (CLK) input
triggers the four flip-flops on the rising (positive-going) edge of the clock waveform.
This counter is fully programmable; that is, it may be preset to any number between 0 and its maximum count.
The load-input circuitry allows loading with the carry-enable output of cascaded counters. As loading is
synchronous, setting up a low level at the load (LOAD) input disables the counter and causes the outputs to
agree with the data inputs after the next clock pulse.
The carry look-ahead circuitry provides for cascading counters for n-bit synchronous application without
additional gating. Instrumental in accomplishing this function are two count-enable (ENP, ENT) inputs and a
ripple-carry (RCO) output. Both ENP and ENT must be low to count. The direction of the count is determined
by the level of the up/down (U/D) input. When U/D is high, the counter counts up; when low, it counts down. Input
ENT is fed forward to enable the RCO. RCO thus enabled will produce a low-level pulse while the count is zero
(all inputs low) counting down or maximum (9 or 15) counting up. This low-level overflow ripple-carry pulse can
be used to enable successive cascaded stages. Transitions at ENP or ENT are allowed regardless of the level
of the clock input. All inputs are diode clamped to minimize transmission-line effects, thereby simplifying system
design.
The SN74F169 features a fully independent clock circuit. Changes at control inputs (ENP, ENT, LOAD or U/D)
that will modify the operating mode have no effect on the contents of the counter until clocking occurs. The
function of the counter (whether enabled, disabled, loading, or counting) will be dictated solely by the conditions
meeting the setup and hold times.
The SN74F169 is characterized for operation from 0
°C to 70°C.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
U/D
CLK
A
B
C
D
ENP
GND
VCC
RCO
QA
QB
QC
QD
ENT
LOAD
D OR N PACKAGE
(TOP VIEW)
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - SN74F169

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74F161 TI-SN74F161 Datasheet
124Kb / 9P
SYNCHRONOUS 4-BIT BINARY COUNTER
SN74F161A TI-SN74F161A Datasheet
124Kb / 9P
SYNCHRONOUS 4-BIT BINARY COUNTER
SN74F161A TI-SN74F161A Datasheet
434Kb / 17P
SYNCHRONOUS 4-BIT BINARY COUNTER
SN74F161A TI2-SN74F161A Datasheet
625Kb / 20P
SYNCHRONOUS 4-BIT BINARY COUNTER
REVISED AUGUST 2001
SN74F161AD TI-SN74F161AD Datasheet
124Kb / 9P
SYNCHRONOUS 4-BIT BINARY COUNTER
More results

Similar Description - SN74F169

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54LS169 NSC-54LS169 Datasheet
165Kb / 8P
Synchronous 4-Bit Up/Down Binary Counter
logo
Fairchild Semiconductor
CD40192BC FAIRCHILD-CD40192BC Datasheet
74Kb / 7P
Synchronous 4-Bit Up/Down Decade Counter . Synchronous 4-Bit Up/Down Binary Counter
DM74AS169A FAIRCHILD-DM74AS169A Datasheet
61Kb / 6P
Synchronous 4-Bit Binary Up/Down Counter
DM74LS169A FAIRCHILD-DM74LS169A Datasheet
72Kb / 8P
Synchronous 4-Bit Up/Down Binary Counter
MM74C192 FAIRCHILD-MM74C192 Datasheet
62Kb / 6P
Synchronous 4-Bit Up/Down Decade Counter . Synchronous 4-Bit Up/Down Binary Counter
logo
Texas Instruments
74AC11191 TI-74AC11191 Datasheet
138Kb / 10P
SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTER
logo
Renesas Technology Corp
HD74LS669 RENESAS-HD74LS669 Datasheet
182Kb / 9P
Synchronous Up / Down 4-bit Binary Counter
HD74HC668 RENESAS-HD74HC668 Datasheet
222Kb / 11P
Synchronous UP/Down Decade Counter, Synchronous Up/Down 4-bit binary Counter
logo
Texas Instruments
74ACT11191 TI1-74ACT11191 Datasheet
135Kb / 9P
SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTER
SN54HC191-DIE TI1-SN54HC191-DIE Datasheet
132Kb / 6P
4-Bit Synchronous Up/Down Binary Counter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com