Electronic Components Datasheet Search
  English  ▼

X  

AME385AEAS Datasheet(PDF) 1 Page - Analog Microelectronics

Part # AME385AEAS
Description  Shunt Bandgap Voltage Reference
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME385AEAS Datasheet(HTML) 1 Page - Analog Microelectronics

  AME385AEAS Datasheet HTML 1Page - Analog Microelectronics AME385AEAS Datasheet HTML 2Page - Analog Microelectronics AME385AEAS Datasheet HTML 3Page - Analog Microelectronics AME385AEAS Datasheet HTML 4Page - Analog Microelectronics AME385AEAS Datasheet HTML 5Page - Analog Microelectronics AME385AEAS Datasheet HTML 6Page - Analog Microelectronics AME385AEAS Datasheet HTML 7Page - Analog Microelectronics AME385AEAS Datasheet HTML 8Page - Analog Microelectronics AME385AEAS Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
AME
1
AME385-1.2
Shunt Bandgap Voltage Reference
Rev.G.03
n Typical Application
n Functional Block Diagram
l Small Packages: SOT-23, TO-92, SOP-8
l Tolerates Capacitive Loads
l Fixed Reverse Breakdown Voltage of 1.235V
l Tight Voltage Tolerance -------
±0.5%
l Wide Operating Current ------- 30
µA to 20mA
l Wide Temperature Range ----- -40oC to +85oC
l Low Temperature Coefficient --100ppm/oC (max)
l Excellent Transient Response
The AME385-1.2 is a micropower 2-terminal band-gap
voltage regulator diode. It operates over a 30
µA to 20mA
current range. Each circuit is trimmed at wafer sort to
provide a ± 0.5% initial tolerance. The design of the
AME385-1.2 allows for a large range of load capacitances
and operating currents. The low start-up current makes
these parts ideal for battery applications.
AME offers this part in a TO-92 and SOP-8 packages
as well as the space saving SOT-23.
l Portable Electronics
l Power Supplies
l Computer Peripherals
l Data Acquisition Systems
l Battery chargers
l Consumer Electronics
n General Description
n Features
n Applications
GND
VR
Bandgap
Cell
Feedback
Current
Shunt
VS
0.1
µ F
Value optional
I
RS =
VR = 1.235V
VR
VS - VR
RS
VS
RS
VR
l All AME's Lead Free Products Meet RoHS
Standards.


Similar Part No. - AME385AEAS

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME385AEAS AME-AME385AEAS Datasheet
70Kb / 8P
Micropower Voltage Reference Diode
More results

Similar Description - AME385AEAS

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
CLM4040 CALOGIC-CLM4040 Datasheet
32Kb / 3P
Precision Micropower Bandgap Shunt Reference
CLM4041 CALOGIC-CLM4041 Datasheet
32Kb / 3P
Precision Micropower Bandgap Shunt Reference
logo
Linear Technology
LT1029 LINER-LT1029 Datasheet
193Kb / 4P
5V Bandgap Reference
logo
Analog Microelectronics
AME40 AME-AME40_1 Datasheet
181Kb / 14P
Shunt Bandgap Voltage Reference
AME41-1.2 AME-AME41-1.2 Datasheet
187Kb / 14P
Shunt Bandgap Voltage Reference
AME41-ADJ AME-AME41-ADJ_1 Datasheet
164Kb / 12P
Shunt Bandgap Voltage Reference
AME385-2.5 AME-AME385-2.5_1 Datasheet
171Kb / 14P
Shunt Bandgap Voltage Reference
AME4041 AME-AME4041 Datasheet
91Kb / 9P
Shunt Bandgap Voltage Reference
logo
Linear Technology
LT1029 LINER-LT1029_15 Datasheet
81Kb / 4P
5V Bandgap Reference
LT1029A LINER-LT1029A_15 Datasheet
81Kb / 4P
5V Bandgap Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com