Electronic Components Datasheet Search
  English  ▼

X  

AME385AEASZ Datasheet(PDF) 4 Page - Analog Microelectronics

Part # AME385AEASZ
Description  Shunt Bandgap Voltage Reference
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME385AEASZ Datasheet(HTML) 4 Page - Analog Microelectronics

  AME385AEASZ Datasheet HTML 1Page - Analog Microelectronics AME385AEASZ Datasheet HTML 2Page - Analog Microelectronics AME385AEASZ Datasheet HTML 3Page - Analog Microelectronics AME385AEASZ Datasheet HTML 4Page - Analog Microelectronics AME385AEASZ Datasheet HTML 5Page - Analog Microelectronics AME385AEASZ Datasheet HTML 6Page - Analog Microelectronics AME385AEASZ Datasheet HTML 7Page - Analog Microelectronics AME385AEASZ Datasheet HTML 8Page - Analog Microelectronics AME385AEASZ Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
AME
4
Shunt Bandgap Voltage Reference
AME385-1.2
Rev.G.03
n Ordering Information (contd.)
Note: ww & yyww represents the date code pls see the Date Code Rule on Package Dimension.
* A line on top of the first letter represents lead free plating such as ABXww.
Please consult AME sales office or authorized Rep./Distributor for the availability of voltage accuracy and package
type.
Part Number
Marking*
Accuracy
Package
Operating Ambient
Temperature Range
AME385AEET
ABXww
0.5%
SOT-23
- 40
oC to +85oC
AME385AEETZ
ABXww
0.5%
SOT-23
- 40
oC to +85oC
AME385AEAS
AME
385
AEAS
yyww
0.5%
TO-92-2
- 40
oC to +85oC
AME385AEAS-1
AME
385
AEAS
yyww
0.5%
TO-92-2
- 40
oC to +85oC
AME385AEASZ
AME
385
AEAS
yyww
0.5%
TO-92-2
- 40
oC to +85oC
AME385AEASZ-1
AME
385
AEAS
yyww
0.5%
TO-92-2
- 40
oC to +85oC
AME385AEAT
AME
385
AEAT
yyww
0.5%
TO-92-3
- 40
oC to +85oC
AME385AEAT-1
AME
385
AEAT
yyww
0.5%
TO-92-3
- 40
oC to +85oC
AME385AEATZ
AME
385
AEAT
yyww
0.5%
TO-92-3
- 40
oC to +85oC
AME385AEATZ-1
AME
385
AEAT
yyww
0.5%
TO-92-3
- 40
oC to +85oC
AME385AEHA
385
AEHA
yyww
0.5%
SOP-8
- 40
oC to +85oC
AME385AEHAZ
385
AEHA
yyww
0.5%
SOP-8
- 40
oC to +85oC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com